Electronic Components Datasheet Search
  English  ▼

X  

AC513 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # AC513
Description  5 TO 500 MHz TO-8 CASCADABLE AMPLIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AC513 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  AC513 Datasheet HTML 1Page - List of Unclassifed Manufacturers AC513 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
FREQUENCY - MHz
5
10
30
50
100
200
300
400
500
600
Gain vs Temperature
4.0
3.0
2.0
1.0
Noise Figure
KEY: +25
°C
+85
°C
-55
°C
Power Output at 1 dB Compression
50
40
30
20
10
0
Intercept Point
FREQUENCY - MHz
FREQUENCY - MHz
FREQUENCY - MHz
2nd HAR
IP 3
IP 2
5
10
30
50
100
200
300
400
500
600
5
10
30
50
100
200
300
400
500
600
5
10
30
50
100
200
300
400
500
600
22.0
21.0
20.0
19.0
18.0
6.0
5.0
4.0
3.0
2.0
TYPICAL PERFORMANCE
TYPICAL AUTOMATIC
TEST DATA
AC513
2003
408-522-3838 • Fax: 408-522-3839 • Check for updates: www.cougarcorp.com
103
Model: AC513
Vcc=+15V
Icc=13.83
FREQ
SWR
SWR
GAIN
GROUP DELAY
REV/ISO
MHZ
IN
OUT
DB
NSEC
DB
5
1.30
1.27
20.6
-24.1
10
1.29
1.26
20.6
-24.1
20
1.29
1.26
20.6
0.870
-24.1
50
1.27
1.25
20.6
0.624
-24.1
100
1.28
1.26
20.5
0.513
-24.1
200
1.25
1.29
20.4
0.544
-24.1
300
1.18
1.32
20.4
0.545
-23.9
400
1.12
1.35
20.4
0.549
-23.8
500
1.09
1.39
20.5
0.578
-23.6
600
1.20
1.46
20.5
0.639
-23.3
LINEAR S-PARAMETERS
Model: AC513
Vcc=+15V
Icc=13.83
FREQ.
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
5
0.13
-175.2
10.78
-177.6
0.062
5.0
0.12
-175.6
10
0.13
-179.2
10.76
179.6
0.062
2.0
0.12
178.3
20
0.13
177.7
10.66
176.4
0.062
1.0
0.11
172.2
50
0.12
172.1
10.69
169.6
0.063
-2.0
0.11
160.5
100
0.12
166.8
10.57
160.5
0.063
-4.0
0.11
142.7
200
0.11
154.3
10.47
140.9
0.063
-8.0
0.13
112.9
300
0.08
150.4
10.44
121.1
0.064
-13.0
0.14
88.3
400
0.05
154.5
10.47
101.5
0.065
-17.0
0.15
70.2
500
0.04
-178.7
10.57
80.6
0.066
-22.0
0.16
58.8
600
0.09
-155.8
10.58
57.6
0.069
-26.0
0.19
53.5
700
0.17
-162.1
10.36
32.6
0.072
-32.0
0.23
46.6
Model: AC513
Vcc=+12V
Icc=11.08
FREQ
SWR
SWR
GAIN
GROUP DELAY
REV/ISO
MHZ
IN
OUT
DB
NSEC
DB
5
1.10
1.11
19.8
-23.4
10
1.09
1.10
19.8
-23.4
20
1.09
1.10
19.8
0.893
-23.4
50
1.09
1.10
19.8
0.608
-23.3
100
1.10
1.10
19.7
0.506
-23.4
200
1.09
1.13
19.6
0.540
-23.4
300
1.09
1.16
19.7
0.541
-23.3
400
1.13
1.19
19.7
0.550
-23.2
500
1.18
1.24
19.8
0.583
-23.1
600
1.34
1.36
19.8
0.646
-22.8
LINEAR S-PARAMETERS
Model: AC513
Vcc=+12V
Icc=11.08
FREQ.
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
5
0.05
-169.9
9.81
-177.8
0.068
4.0
0.05
-170.2
10
0.04
-177.2
9.80
179.6
0.068
2.0
0.05
179.2
20
0.04
-177.3
9.74
176.4
0.068
0.0
0.05
169.6
50
0.04
-179.2
9.77
169.8
0.068
-2.0
0.05
152.4
100
0.05
179.1
9.67
160.7
0.068
-5.0
0.05
130.5
200
0.04
-175.2
9.60
141.4
0.068
-10.0
0.06
102.0
300
0.04
-154.5
9.62
121.8
0.068
-14.0
0.08
81.8
400
0.06
-131.1
9.69
102.1
0.069
-19.0
0.09
72.2
500
0.08
-131.7
9.81
81.0
0.070
-24.0
0.11
70.5
600
0.15
-144.2
9.82
57.8
0.072
-29.0
0.15
69.5
700
0.21
-158.8
9.59
32.8
0.076
-35.0
0.22
60.0



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com