Electronic Components Datasheet Search
  English  ▼

X  

AC524 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # AC524
Description  5 TO 500 MHz TO-8 CASCADABLE AMPLIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AC524 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  AC524 Datasheet HTML 1Page - List of Unclassifed Manufacturers AC524 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
FREQUENCY - MHz
Gain vs Temperature AC524
Gain vs Temperature AC525
Noise Figure
KEY: +25
°C
+85
°C
-55
°C
14.0
12.0
10.0
8.0
6.0
Power Output at 1 dB Compression
50
40
30
20
10
Intercept Point AC524
60
50
40
30
20
10
Intercept Point AC525
FREQUENCY - MHz
FREQUENCY - MHz
FREQUENCY - MHz
FREQUENCY - MHz
FREQUENCY - MHz
4.0
3.5
3.0
2.5
2.0
33.0
32.0
31.0
30.0
AC524
AC525
2nd HAR
IP 3
IP 2
2nd HAR
IP 3
IP 2
32.0
31.0
30.0
29.0
5
10
30
50
100
200
300
400
500
600
5
10
30
50
100
200
300
400
500
600
5
10
30
50
100
200
300
400
500
600
5
10
30
50
100
200
300
400
500
600
10
20
30
50
100
200
300
400
500
600
10
20
30
50
100
200
300
400
500
600
AC524
AC525
TYPICAL PERFORMANCE
TYPICAL AUTOMATIC
TEST DATA
AC524/AC525
2003
408-522-3838 • Fax: 408-522-3839 • Check for updates: www.cougarcorp.com
107
Model: AC524
Vcc=+15V
Icc=36.27
FREQ
SWR
SWR
GAIN
GROUP DELAY
REV/ISO
MHZ
IN
OUT
DB
NSEC
DB
2
1.71
1.75
29.8
-42.8
5
1.26
1.24
31.2
-41.3
10
1.13
1.13
31.4
8.670
-40.6
50
1.06
1.08
31.5
1.758
-40.8
100
1.08
1.09
31.5
1.082
-40.3
200
1.13
1.14
31.7
1.037
-40.3
300
1.16
1.18
31.8
1.073
-40.8
400
1.16
1.18
31.8
1.111
-40.6
500
1.18
1.14
31.5
1.135
-40.3
600
1.31
1.06
31.0
1.141
-40.6
LINEAR S-PARAMETERS
Model: AC524
Vcc=+15V
Icc=36.27
FREQ.
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
2
0.26
-82.8
30.81
68.5
0.007
80.0
0.27
-96.3
5
0.12
-83.7
36.14
25.8
0.009
32.0
0.11
-104.8
10
0.06
-89.0
36.98
10.3
0.009
16.0
0.06
-120.9
50
0.03
-94.8
37.39
-15.1
0.009
2.0
0.04
-162.4
100
0.04
-99.8
37.76
-34.5
0.010
-5.0
0.05
-173.6
200
0.06
-109.1
38.31
-71.9
0.010
-11.0
0.06
163.0
300
0.08
-117.2
38.99
-110.4
0.009
-26.0
0.08
132.9
400
0.07
-112.5
38.81
-150.4
0.009
-31.0
0.08
97.4
500
0.08
-88.9
37.45
168.7
0.010
-43.0
0.07
54.6
600
0.13
-74.6
35.35
127.6
0.009
-57.0
0.03
-47.3
700
0.22
-74.7
33.13
86.0
0.010
-73.0
0.13
-152.2
700
0.34
-80.1
31.73
41.9
0.010
-95.0
0.32
164.3
Model: AC524
Vcc=+12V
Icc=28.95
FREQ
SWR
SWR
GAIN
GROUP DELAY
REV/ISO
MHZ
IN
OUT
DB
NSEC
DB
2
1.68
1.77
29.0
-42.1
5
1.27
1.27
30.3
-40.5
10
1.15
1.15
30.5
8.356
-40.2
50
1.09
1.09
30.6
1.740
-40.4
100
1.11
1.10
30.7
1.081
-40.2
200
1.18
1.14
30.8
1.039
-40.0
300
1.23
1.17
30.9
1.068
-40.1
400
1.24
1.17
30.9
1.108
-40.0
500
1.22
1.12
30.7
1.133
-39.9
600
1.26
1.08
30.3
1.148
-39.9
Model: AC525
Vcc=+15V
Icc=49.19
FREQ
SWR
SWR
GAIN
GROUP DELAY
REV/ISO
MHZ
IN
OUT
DB
NSEC
DB
2
1.62
1.91
29.7
-42.6
5
1.22
1.33
31.1
-41.2
10
1.12
1.23
31.3
8.510
-40.8
50
1.06
1.20
31.4
1.750
-40.9
100
1.09
1.22
31.5
1.077
-40.7
200
1.15
1.27
31.5
1.021
-40.8
300
1.15
1.30
31.6
1.053
-41.1
400
1.08
1.30
31.6
1.091
-40.9
500
1.12
1.22
31.3
1.116
-40.7
600
1.36
1.08
30.8
1.123
-40.6
Model: AC525
Vcc=+12V
Icc=39.34
FREQ
SWR
SWR
GAIN
GROUP DELAY
REV/ISO
MHZ
IN
OUT
DB
NSEC
DB
2
1.57
1.92
29.1
-42.2
5
1.23
1.35
30.4
-40.7
10
1.13
1.25
30.6
8.311
-40.4
50
1.10
1.21
30.7
1.729
-40.7
100
1.13
1.22
30.7
1.070
-40.4
200
1.19
1.27
30.8
1.022
-40.1
300
1.21
1.30
31.0
1.049
-40.3
400
1.13
1.28
31.0
1.091
-40.5
500
1.05
1.20
30.7
1.124
-39.7
600
1.27
1.08
30.3
1.138
-40.1



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com