Electronic Components Datasheet Search
  English  ▼

X  

ACF Datasheet(PDF) 1 Page - Cornell Dubilier Electronics

Part # ACF
Description  Type ACF, Metallized Polypropylene Capacitors for AC Filtering
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

ACF Datasheet(HTML) 1 Page - Cornell Dubilier Electronics

  ACF Datasheet HTML 1Page - Cornell Dubilier Electronics ACF Datasheet HTML 2Page - Cornell Dubilier Electronics ACF Datasheet HTML 3Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830
Type ACF, Metallized Polypropylene Capacitors for AC Filtering
High Current, High Capacitance, Low ESR, Low Inductance
Type ACF capacitors offer several robust terminal options for AC
Filtering applications. ACF is designed to give high capacitance in
a small package for high current and low ESR requirements. The
metallizedpolypropyleneconstructioninherentlygivestheadvantage
of low DF and stable performance over the rated temperature range.
Highlights
- High capacitance
- High current
- Low ESR
- Low inductance
- Terminal/mounting options
- Self healing
Specifications
Dimensions
Construction Details
Case Material
UL510 Polyester Tape Wrap
Resin Material
UL94V-0 Epoxy Fill
Terminal Material
L1 Style Tin Plated Copper
S Style Tin Plated Brass
Capacitance Range
5.0 to 250 µF
Capacitance Tolerance
±10% (K) standard, ±5% (J) optional
Rated Voltage
300 to 900 Vac, 50/60 Hz
Operating Temperature Range
-55 ºC to 85 ºC
Climate Catagory
55/85/56. IEC60068-1, 40 ºC/93% RH/56 days
Maximum rms Current
Check tables for values
Insulation Resistance
25,000 MΩ x μF @ 25 ºC, after 5 minutes of charge
Test Voltage between Terminals @ 25 ºC
130% rated DC voltage for 60 s
Test Voltage between Terminals & Case @ 25 ºC
3 kVac 50/60Hz for 60 s
Life Expectancy
60,000 h with 94% survival rate
RoHS Compliant
7 mm
C - C
Max
D
19.050
mm
mm
8.5
6.5
9.525 mm
mm
25.4
L
25.4 mm
1 mm
S
Style
1/4-20 Studs
D
Max
17 mm
Typical
mm
L
19
F/L
¼ - 20 Threaded
L1
6.5 x 8.5 mm
Slots


Similar Part No. - ACF

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
ACF ALPHAWIRE-ACF Datasheet
169Kb / 2P
M12-A Female Front Mount PG9 Receptacle
logo
Conquer Electronics Co....
ACF CONQUER-ACF Datasheet
526Kb / 1P
Fast-Acting Fuse
logo
Minmax Technology Co., ...
ACF-10 MINMAX-ACF-10 Datasheet
562Kb / 3P
AC/DC Power Module 10W
ACF-10S03 MINMAX-ACF-10S03 Datasheet
562Kb / 3P
AC/DC Power Module 10W
ACF-10S05 MINMAX-ACF-10S05 Datasheet
562Kb / 3P
AC/DC Power Module 10W
More results

Similar Description - ACF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKP1844 VISHAY-MKP1844 Datasheet
95Kb / 1P
AC-Capacitors (Metallized Polypropylene Film-MKP), AC 400V
05-Jul-05
MKP1842 VISHAY-MKP1842 Datasheet
118Kb / 2P
AC-Capacitors (Metallized Polypropylene Film-MKP), AC 400V
05-Jul-05
MKP1844 VISHAY-MKP1844_05 Datasheet
124Kb / 2P
AC-Capacitors (Metallized Polypropylene Film-MKP), AC 400V
05-Jul-05
logo
Cornell Dubilier Electr...
944U101K801AA CDE-944U101K801AA Datasheet
471Kb / 4P
Polypropylene Film Capacitors for DC Filtering
logo
Vishay Siliconix
MKP1839HQ VISHAY-MKP1839HQ Datasheet
126Kb / 12P
AC and Pulse Metallized Polypropylene Film Capacitors MKP Axial Type
21-Apr-10
logo
MERITEK ELECTRONICS COR...
AMPP MERITEK-AMPP Datasheet
113Kb / 1P
Metallized Polypropylene Film Capacitors - AC use
logo
Vishay Siliconix
MKP1847AC VISHAY-MKP1847AC Datasheet
159Kb / 15P
Metallized Polypropylene Film Capacitor AC Filtering Radial Type
22-Sep-14
logo
Cornell Dubilier Electr...
930 CDE-930_15 Datasheet
143Kb / 5P
Metallized Polypropylene Capacitors for DC Filtering
935 CDE-935 Datasheet
231Kb / 5P
Polypropylene Capacitors for High Frequency Filtering
logo
Vishay Siliconix
MKP1847C VISHAY-MKP1847C Datasheet
179Kb / 16P
AC Filtering Metalized Polypropylene Film Capacitor Radial Type
19-May-2021
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com