Electronic Components Datasheet Search
  English  ▼

X  

SCC Datasheet(PDF) 2 Page - Cornell Dubilier Electronics

Part # SCC
Description  Dual IGBT Clamp-Snubber Modules
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

SCC Datasheet(HTML) 2 Page - Cornell Dubilier Electronics

  SCC Datasheet HTML 1Page - Cornell Dubilier Electronics SCC Datasheet HTML 2Page - Cornell Dubilier Electronics SCC Datasheet HTML 3Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830
Ratings
Ipk(A)
Typical Application
Diode
Tc = 25 °C
Catalog
Cap
DUAL IGBT
Characteristics Ipk(A) Surge
Repetitive
W
L
H
W2
P
Part Number
(µF)
Ic/Vce
Vrrm/If/trr(µs)
Tc = 25 °C
20 kHz Sq Wave (mm) (mm) (mm) (mm) (mm)
SCC105K601H7-24-F
1.00
100/600
600/30/.040
300
70
50.80 76.20 31.75 14.22
24
SCC155K601H7-24-F
1.50
200-300/600
600/30/.040
300
70
50.80 76.20 31.75 14.22
24
SCC205K601H5-24-F
2.00
400/600
600/50/.045
500
100
50.80 76.20 31.75 14.22
24
SCC205K601H5-28-F
2.00
400/600
600/50/.045
500
100
50.80 76.20 31.75 10.16
28
SCC474K122H8-24-F
0.47
100/1200
1200/30/.065
300
60
50.80 76.20 31.75 14.22
24
SCC474K122H8-28-F
0.47
100/1200
1200/30/.065
300
60
50.80 76.20 31.75 10.16
28
SCC105K122H8-24-F
1.00
150/1200
1200/30/.065
300
60
62.90 76.20 38.10 14.22
24
SCC105K122H8-28-F
1.00
150/1200
1200/30/.065
300
60
62.90 76.20 38.10 10.16
28
SCC155K122H4-24-F
1.50
200/1200
1200/50/.085
500
100
63.50 88.90 40.00 20.60
24
SCC155K122H4-28-F
1.50
200/1200
1200/50/.085
500
100
63.50 88.90 40.00 16.50
28
SCC205K122H4-24-F
2.00
300/1200
1200/50/.085
500
100
71.12 92.08 43.18 20.60
24
SCC205K122H4-28-F
2.00
300/1200
1200/50/.085
500
100
71.12 92.08 43.18 18.03
28
SCC
105
K
122
H1
24
–F
Series Type
Designation
Capacitance
in pF
Tolerance
Code
Voltage
Diode
Rating
Lug Spacing
RoHS
Compliant
Indicator
104 = 0.1 µF
J = ±5%
601 = 600 Vdc See Tables
24 = 24 mm
105 = 1 µF
K = ±10%
122 = 1200 Vdc
28 = 28 mm
Part Numbering System
Type SCC, Dual IGBT Clamp-Snubber Modules
High Peak Current Snubber with Integrated Hyperfast Diodes
Note: Other ratings, sizes and performance specification available upon request. Contact us.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com