Electronic Components Datasheet Search
  English  ▼

X  

VR6B Datasheet(PDF) 1 Page - Cornell Dubilier Electronics

Part # VR6B
Description  AC Motor- Run Capacitor Hardware and Accessories
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

VR6B Datasheet(HTML) 1 Page - Cornell Dubilier Electronics

  VR6B Datasheet HTML 1Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
AC Motor- Run Capacitor Hardware and Accessories
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 • www.cde.com
220K Ohm 1 watt bleeder resistors for AC motor run applications. Saves
relay switch contacts and capacitor, particularly in capacitor run appli-
cations. 1/4” quick connect terminals eliminate need for soldering.
ACR220K:
Pack of 10, 220K Ohm 1 watt bleeder resistor without quick connect
terminals.
ACR220KT Motor Run Resistor Kit
OVAL BRACKET OPTIONS
Used for the support of Oval Cased Motor Run Capacitors, Types SFA, SFC, SFD, 32F, 37F,38F
6-32 Screw
and Nut
Universal Wrap Around Bracket
Case Code
Bracket
32
A
32107-1
37
C
32107-2
38
D
32107-3
Insulating Terminal Boots UL Approved Material
ROUND BRACKET OPTIONS
Used for the support of Round Motor Run Capacitors, Types SFP, SFS, SFT, 21F, 23F, 24F
Case Code
Bracket
21
P
VR6B
23
S
VR8B
24
T
VR10B
Wrap Around Bracket
Case Code
Bracket
21
P
RB175
23
S
RB200
24
T
RB250
44603
32108-2
44603 or OC1
Wrap Around Bracket
Case Code
Bracket
32
A
30393-5
OB2
37
C
30393-9
OB4
38
D
OB3
OB3
ACCESSORIES FOR MOTOR RUN CAPACITORS
3 Footed Round Mounting Bracket
RoHS Compliant
All brackets and hardware are RoHS Compliant


Similar Part No. - VR6B

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
VR6B CDE-VR6B Datasheet
490Kb / 3P
Type VR Vertical Mounting Clamp, Type TH Horizontal Mounting Clip
logo
Knowles Electronics
VR6B KNOWLES-VR6B Datasheet
260Kb / 3P
Type VR Vertical Mounting Clamp
More results

Similar Description - VR6B

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
MRCH-01 NTE-MRCH-01 Datasheet
525Kb / 1P
MOTOR RUN HARDWARE
logo
Illinois Capacitor, Inc...
125QPC250KA3 ILLINOISCAPACITOR-125QPC250KA3 Datasheet
170Kb / 1P
MOTOR RUN/AC
125QPC400KA3 ILLINOISCAPACITOR-125QPC400KA3 Datasheet
170Kb / 1P
MOTOR RUN/AC
185QPC350KB5B ILLINOISCAPACITOR-185QPC350KB5B Datasheet
141Kb / 1P
MOTOR RUN/AC
205QPC450KB5B ILLINOISCAPACITOR-205QPC450KB5B Datasheet
141Kb / 1P
MOTOR RUN/AC
255QPC400KB5B ILLINOISCAPACITOR-255QPC400KB5B Datasheet
141Kb / 1P
MOTOR RUN/AC
255QPC400KB5 ILLINOISCAPACITOR-255QPC400KB5 Datasheet
141Kb / 1P
MOTOR RUN/AC
275QPC400KB5 ILLINOISCAPACITOR-275QPC400KB5 Datasheet
152Kb / 1P
MOTOR RUN/AC
305QPC250KA3 ILLINOISCAPACITOR-305QPC250KA3 Datasheet
170Kb / 1P
MOTOR RUN/AC
logo
Cornell Dubilier Electr...
TH17 CDE-TH17 Datasheet
104Kb / 1P
Motor Start Capacitor Mounting Hardware and Accessories
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com