Electronic Components Datasheet Search
  English  ▼

X  

AC1019 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # AC1019
Description  10 TO 1000 MHz TO-8 CASCADABLE AMPLIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AC1019 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  AC1019 Datasheet HTML 1Page - List of Unclassifed Manufacturers AC1019 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
AC1019
Gain vs Temperature Vcc = 15
13.0
12.0
11.0
10.0
6.0
5.0
4.0
3.0
Noise Figure
KEY: +25
°C
+85
°C
-55
°C
23.0
22.0
21.0
20.0
19.0
18.0
17.0
Power Output at 1 dB Compression
70
60
50
40
30
20
Intercept Point Vcc = 15
+ 15 V
+15 V
+12 V
FREQUENCY - MHz
5
10
30
50
100
400
600
800
1000
1200
10
20
30
50
100
400
600
800
1000
1200
10
20
30
50
100
400
600
800
1000
1200
10
20
30
50
100
400
600
800
1000
1200
FREQUENCY - MHz
FREQUENCY - MHz
FREQUENCY - MHz
2nd HAR
IP 3
IP 2
70
60
50
40
30
20
Intercept Point Vcc = 12
10
20
30
50
100
400
600
800
1000
1200
FREQUENCY - MHz
2nd HAR
IP 3
IP 2
+12 V
TYPICAL PERFORMANCE
TYPICAL AUTOMATIC
TEST DATA
Model: AC1019
Vcc=+15V
Icc=88.57
FREQ
SWR
SWR
GAIN
PHASE
GROUP DELAY
REV/ISO
MHZ
IN
OUT
DB
DEG
NSEC
DB
5
1.80
1.40
10.88
-150
-16.5
10
1.43
1.33
11.26
-166
-16.5
20
1.32
1.31
11.43
-175
2.6
-16.4
50
1.28
1.30
11.48
175
0.93
-16.4
100
1.27
1.30
11.45
165
0.56
-16.4
200
1.28
1.32
11.34
147
0.48
-16.4
300
1.31
1.34
11.23
131
0.45
-16.3
400
1.34
1.35
11.14
115
0.44
-16.2
500
1.34
1.34
11.14
99
0.44
-16.0
600
1.34
1.30
11.14
84
0.44
-15.8
700
1.30
1.22
11.22
67
0.45
-15.5
800
1.22
1.14
11.34
50
0.47
-15.3
900
1.11
1.19
11.47
33
0.49
-15.0
1000
1.07
1.45
11.63
14
0.53
-14.7
1100
1.31
1.92
11.71
-6
0.56
-14.5
1200
1.74
2.82
11.63
-29
0.62
-14.5
LINEAR S-PARAMETERS
Model: AC1019
Vcc=+15V
Icc=88.57
FREQ.
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
5
0.29
-99.2
3.50
-150.2
0.149
26.3
0.17
-147.7
10
0.18
-121.0
3.66
-165.8
0.149
12.5
0.14
-163.3
20
0.14
-142.8
3.73
-175.0
0.151
5.2
0.13
-175.7
50
0.12
-160.7
3.75
174.9
0.151
-0.9
0.13
170.8
100
0.12
-164.8
3.74
164.7
0.151
-6.2
0.13
157.0
200
0.12
-161.5
3.69
147.4
0.152
-14.2
0.14
133.2
300
0.13
-157.6
3.65
131.2
0.153
-21.6
0.14
114.9
400
0.14
-155.8
3.60
115.3
0.155
-29.5
0.15
99.7
500
0.15
-157.3
3.61
99.4
0.158
-37.2
0.14
87.7
600
0.15
-159.6
3.60
83.6
0.162
-45.5
0.13
80.2
700
0.13
-162.0
3.64
67.4
0.168
-54.6
0.10
79.2
800
0.10
-165.1
3.69
50.4
0.172
-64.4
0.07
100.4
900
0.05
-161.0
3.75
33.0
0.178
-75.0
0.09
149.1
1000
0.03
-42.9
3.81
13.8
0.183
-86.8
0.18
160.3
1100
0.14
-24.3
3.85
-6.5
0.188
-100.2
0.32
152.9
1200
0.27
-30.9
3.81
-28.8
0.189
-115.4
0.48
138.7
Model: AC1019
Vcc=+12V
Icc=70.25
FREQ
SWR
SWR
GAIN
PHASE
GROUP DELAY
REV/ISO
MHZ
IN
OUT
DB
DEG
NSEC
DB
5
1.79
1.39
10.83
-151
-16.5
10
1.42
1.32
11.22
-166
-16.5
20
1.31
1.30
11.39
-175
2.6
-16.4
50
1.27
1.28
11.45
175
0.92
-16.4
100
1.27
1.29
11.42
165
0.56
-16.4
200
1.28
1.30
11.30
147
0.48
-16.3
300
1.31
1.32
11.20
131
0.45
-16.3
400
1.35
1.32
11.11
115
0.44
-16.1
500
1.36
1.31
11.11
99
0.45
-15.9
600
1.36
1.27
11.11
83
0.44
-15.7
700
1.33
1.20
11.20
67
0.45
-15.3
800
1.24
1.15
11.32
50
0.48
-15.1
900
1.13
1.26
11.45
32
0.49
-14.8
1000
1.05
1.56
11.62
12
0.54
-14.5
1100
1.31
2.11
11.66
-8
0.57
-14.3
1200
1.77
3.18
11.55
-31
0.64
-14.2
LINEAR S-PARAMETERS
Model: AC1019
Vcc=+12V
Icc=70.25
FREQ.
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
5
0.28
-99.1
3.48
-150.6
0.150
25.8
0.16
-146.3
10
0.17
-120.9
3.64
-165.9
0.150
12.4
0.14
-162.3
20
0.13
-142.6
3.71
-175.2
0.151
5.3
0.13
-175.3
50
0.12
-160.1
3.74
174.8
0.152
-0.8
0.12
171.5
100
0.12
-163.9
3.73
164.7
0.151
-6.0
0.13
157.7
200
0.12
-160.1
3.67
147.3
0.152
-14.0
0.13
134.9
300
0.14
-156.6
3.63
131.0
0.153
-21.3
0.14
117.3
400
0.15
-154.4
3.59
115.0
0.156
-28.9
0.14
102.8
500
0.15
-156.7
3.59
99.0
0.160
-36.9
0.13
91.7
600
0.15
-159.4
3.59
83.0
0.164
-45.2
0.12
86.3
700
0.14
-162.7
3.63
66.7
0.171
-54.2
0.09
90.5
800
0.11
-168.0
3.68
49.5
0.176
-63.8
0.07
120.8
900
0.06
-169.6
3.74
31.8
0.181
-74.4
0.11
156.0
1000
0.02
-28.3
3.81
12.4
0.188
-86.8
0.22
160.2
1100
0.13
-18.5
3.83
-8.2
0.193
-100.5
0.36
151.6
1200
0.28
-28.2
3.78
-31.1
0.194
-116.0
0.52
136.9
2005/2006
408-522-3838 • Fax: 408-522-3839 • Check for updates: www.cougarcorp.com
201



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com