Electronic Components Datasheet Search
  English  ▼

X  

AC1586 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # AC1586
Description  1200 TO 1700 MHz TO-8 CASCADABLE AMPLIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AC1586 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  AC1586 Datasheet HTML 1Page - List of Unclassifed Manufacturers AC1586 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2005/2006
408-522-3838 • Fax: 408-522-3839 • Check for updates: www.cougarcorp.com
283
Typical Performance
Gain vs Temperature Vcc = 15
28.0
27.0
26.0
25.0
24.0
2.0
1.5
1.0
0.5
Noise Figure
AC1586
K EY: + 25
°C
+85
°C
- 55
°C
16.0
15.0
14.0
13.0
12.0
11.0
Power Output at 1 dB Compression
60
50
40
30
20
Intercept Point
F REQUENCY - GHz
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
F REQUENCY - GHz
FREQUENCY - GHz
FREQUENCY - GHz
2nd HAR
IP 3
IP 2
TYPICAL PERFORMANCE
TYPICAL AUTOMATIC
TEST DATA
AC1586
Model: AC1586
Vcc=+15V
Icc=58.75
FREQ
SWR
SWR
GAIN
PHASE
GROUP DELAY
REV/ISO
MHZ
IN
OUT
DB
DEG
NSEC
DB
1000
1.48
1.49
26.98
-158
0.65
-45.6
1050
1.34
1.49
26.87
-169
0.64
-44.0
1100
1.23
1.47
26.78
180
0.61
-45.5
1150
1.17
1.46
26.65
169
0.60
-44.2
1200
1.14
1.44
26.55
158
0.59
-43.9
1250
1.16
1.43
26.45
148
0.59
-43.2
1300
1.19
1.41
26.33
137
0.58
-42.2
1350
1.23
1.39
26.27
127
0.56
-42.7
1400
1.25
1.37
26.26
117
0.58
-42.9
1450
1.26
1.35
26.20
106
0.59
-42.6
1500
1.26
1.32
26.15
96
0.56
-41.2
1550
1.24
1.30
26.18
86
0.58
-43.6
1600
1.19
1.29
26.26
75
0.60
-42.1
1650
1.13
1.26
26.33
64
0.62
-42.5
1700
1.06
1.24
26.42
52
0.65
-41.5
1750
1.06
1.21
26.54
40
0.66
-42.0
1800
1.20
1.19
26.71
27
0.71
-42.5
1850
1.39
1.18
26.84
13
0.80
-43.4
1900
1.68
1.19
26.84
-2
0.84
-41.6
LINEAR S-PARAMETERS
Model: AC1586
Vcc=+15V
Icc=58.75
FREQ.
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
1000
0.19
21.5
22.34
-157.7
0.005
91.0
0.20
15.0
1050
0.14
7.2
22.06
-169.1
0.006
86.9
0.20
7.2
1100
0.10
-11.6
21.82
179.9
0.005
69.8
0.19
-0.7
1150
0.08
-37.3
21.50
169.1
0.006
75.0
0.19
-7.8
1200
0.07
-73.5
21.25
158.5
0.006
59.2
0.18
-15.1
1250
0.07
-105.5
21.02
147.8
0.007
61.2
0.18
-22.4
1300
0.09
-127.5
20.73
137.5
0.008
59.2
0.17
-29.1
1350
0.10
-141.9
20.57
127.4
0.007
50.1
0.16
-35.7
1400
0.11
-151.9
20.56
117.0
0.007
47.8
0.16
-42.7
1450
0.12
-160.7
20.42
106.4
0.007
44.2
0.15
-49.3
1500
0.11
-170.0
20.29
96.3
0.009
36.5
0.14
-56.0
1550
0.11
-177.0
20.36
85.9
0.007
31.5
0.13
-63.4
1600
0.09
178.1
20.55
75.1
0.008
21.4
0.12
-70.9
1650
0.06
176.4
20.73
63.9
0.008
15.4
0.11
-79.3
1700
0.03
-172.9
20.94
52.2
0.008
8.8
0.11
-92.1
1750
0.03
-58.4
21.22
40.3
0.008
2.2
0.09
-106.3
1800
0.09
-47.1
21.65
27.4
0.007
-9.7
0.09
-127.7
1850
0.16
-51.5
21.97
13.1
0.007
-22.3
0.08
-155.9
1900
0.25
-58.9
21.98
-2.0
0.008
-38.1
0.09
169.5



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com