Electronic Components Datasheet Search
  English  ▼

X  

EAST1608YA3 Datasheet(PDF) 8 Page - Everlight Electronics Co., Ltd

Part # EAST1608YA3
Description  Compatible with automatic placement equipment.
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

EAST1608YA3 Datasheet(HTML) 8 Page - Everlight Electronics Co., Ltd

  EAST1608YA3 Datasheet HTML 1Page - Everlight Electronics Co., Ltd EAST1608YA3 Datasheet HTML 2Page - Everlight Electronics Co., Ltd EAST1608YA3 Datasheet HTML 3Page - Everlight Electronics Co., Ltd EAST1608YA3 Datasheet HTML 4Page - Everlight Electronics Co., Ltd EAST1608YA3 Datasheet HTML 5Page - Everlight Electronics Co., Ltd EAST1608YA3 Datasheet HTML 6Page - Everlight Electronics Co., Ltd EAST1608YA3 Datasheet HTML 7Page - Everlight Electronics Co., Ltd EAST1608YA3 Datasheet HTML 8Page - Everlight Electronics Co., Ltd EAST1608YA3 Datasheet HTML 9Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
DATASHEET
SMD  REFLECTOR
EAST1608YA3
8
Copyright © 2010, Everlight Americas Inc. All Rights Reserved. Release Date : 01-Feb-2010 Issue No: 1
www.everlightamericas.com
4.Soldering Iron
Each terminal is to go to the tip of soldering iron temperature less than 350℃ for 3 seconds within once
in less than the soldering iron capacity 25W. Leave two seconds and more intervals, and do soldering of each
terminal. Be careful because the damage of the product is often started at the time of the hand solder.
5.Repairing
Repair should not be done after the LEDs have been soldered. When repairing is unavoidable, a
double-head soldering iron should be used (as below figure). It should be confirmed beforehand whether the
characteristics of the LEDs will or will not be damaged by repairing.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com