Electronic Components Datasheet Search
  English  ▼

X  

AC3055 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # AC3055
Description  10 TO 3000 MHz TO-8 CASCADABLE AMPLIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AC3055 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  AC3055 Datasheet HTML 1Page - List of Unclassifed Manufacturers AC3055 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
.01 0.1
0.2
0.4
0.6
1.0
1.6
2.2
2.5
2.8
3.0
3.6
Gain vs Temperature Vcc = 5
12.0
11.0
10.0
9.0
8.0
Noise Figure
KEY: +25
°C
+85
°C
-55
°C
19.0
18.0
17.0
16.0
15.0
Power Output at 1 dB Compression
Intercept Point
10.0
8.0
6.0
4.0
3.0
2.0
FREQUENCY - GHz
.01 0.1
0.2
0.4
0.6
1.0
1.6
2.2
2.5
2.8
3.0
3.6
FREQUENCY - GHz
.01 0.1
0.2
0.4
0.6
1.0
1.6
2.2
2.5
2.8
3.0
3.6
FREQUENCY - GHz
.01 0.1
0.2
0.4
0.6
1.0
1.6
2.2
2.5
2.8
3.0
3.6
2nd HAR
IP 3
IP 2
FREQUENCY - GHz
.01 0.1
0.2
0.4
0.6
1.0
1.6
2.2
2.5
2.8
3.0
3.6
Gain—Three Stages
31.0
30.0
29.0
28.0
60
50
40
30
20
FREQUENCY - GHz
TYPICAL PERFORMANCE
TYPICAL AUTOMATIC
TEST DATA
AC3055
Model: AC3055
Vcc= +5V
Icc= 58.84
FREQ
SWR
SWR
GAIN
PHASE
DELAY
REV/ISO
MHZ
IN
OUT
DB
DEG
NSEC
DB
10
1.83
1.26
10.64
-155
-17.8
50
1.51
1.14
10.81
-178
0.86
-18.0
100
1.50
1.14
10.82
176
0.30
-18.0
200
1.48
1.14
10.87
169
0.21
-18.0
400
1.45
1.14
10.95
155
0.20
-18.1
600
1.42
1.13
10.94
141
0.19
-18.2
800
1.43
1.10
10.95
128
0.18
-18.2
1000
1.45
1.07
10.93
114
0.18
-18.3
1200
1.44
1.06
10.96
101
0.19
-18.3
1400
1.45
1.10
10.95
87
0.19
-18.4
1600
1.49
1.17
10.89
73
0.19
-18.3
1800
1.54
1.26
10.78
60
0.18
-18.3
2000
1.53
1.34
10.64
46
0.19
-18.5
2200
1.51
1.44
10.50
32
0.20
-18.5
2400
1.47
1.53
10.43
19
0.17
-18.5
2600
1.36
1.59
10.36
4
0.22
-18.3
2800
1.27
1.62
10.41
-10
0.26
-18.1
3000
1.15
1.64
10.50
-24
0.19
-17.8
3200
1.60
1.65
10.23
-40
0.21
-17.8
3300
1.14
1.64
10.21
-48
0.23
-17.7
LINEAR S-PARAMETERS
Model: AC3055
Vcc= +5V
Icc= 58.84
FREQ.
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
10
0.29
-38.0
3.40
-154.8
0.129
18.6
0.12
138.4
50
0.20
-13.3
3.47
-178.3
0.126
1.5
0.07
170.5
100
0.20
-12.3
3.48
176.3
0.126
-1.9
0.07
167.3
200
0.19
-15.9
3.50
168.7
0.126
-5.7
0.06
161.6
400
0.18
-24.5
3.53
154.6
0.124
-12.9
0.07
144.0
600
0.18
-33.8
3.52
141.1
0.122
-19.1
0.06
125.5
800
0.18
-44.2
3.53
127.7
0.123
-25.5
0.05
104.9
1000
0.18
-53.5
3.52
114.4
0.121
-31.8
0.03
70.1
1200
0.18
-62.8
3.53
100.9
0.121
-37.9
0.03
13.2
1400
0.18
-73.2
3.53
87.2
0.121
-45.3
0.05
-37.8
1600
0.20
-85.4
3.50
73.4
0.121
-51.4
0.08
-69.5
1800
0.21
-95.0
3.46
59.8
0.121
-58.2
0.11
-92.5
2000
0.21
-108.5
3.41
45.8
0.119
-66.2
0.14
-110.9
2200
0.20
-122.5
3.35
32.2
0.118
-72.7
0.18
-123.9
2400
0.19
-133.5
3.32
19.3
0.120
-79.0
0.21
-133.3
2600
0.15
-146.4
3.29
4.4
0.121
-86.3
0.23
-145.5
2800
0.12
-163.7
3.31
-10.1
0.124
-93.8
0.24
-158.3
3000
0.07
-177.7
3.35
-23.6
0.129
-102.3
0.24
-165.8
3200
0.03
72.3
3.25
-40.0
0.129
-110.6
0.25
-171.7
3300
0.06
34.5
3.24
-48.1
0.131
-114.8
0.24
-176.1
2003
408-522-3838 • Fax: 408-522-3839 • Check for updates: www.cougarcorp.com
319



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com