Electronic Components Datasheet Search
  English  ▼

X  

FCN11260 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # FCN11260
Description  ~40째 x 10째 oval beam optimized for Osram Golden Dragon . 14.6 mm high assembly.
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

FCN11260 Datasheet(HTML) 1 Page - Ledil, Inc.

  FCN11260 Datasheet HTML 1Page - Ledil, Inc. FCN11260 Datasheet HTML 2Page - Ledil, Inc. FCN11260 Datasheet HTML 3Page - Ledil, Inc. FCN11260 Datasheet HTML 4Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PRODUCT
DATASHEET
FCN11260_LO1-O
LO1-O
~40° x 10° oval beam optimized for Osram
Golden Dragon . 14.6 mm high assembly.
TECHNICAL SPECIFICATIONS:
Dimensions
Ø 21.6 mm
Height
14.6 mm
Fastening
glue
Colour
white
Box size
Box weight
0 kg
Quantity in Box
1632 pcs
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
LO2-O-90
Lens
PMMA
LO-LH1
Holder
PC
white
Last update: 01/06/2018
Subject to change without prior notice
1/4
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.


Similar Part No. - FCN11260

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
FCN11260 LEDIL-FCN11260 Datasheet
79Kb / 2P
Leila Pack
More results

Similar Description - FCN11260

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
CA12047 LEDIL-CA12047_18 Datasheet
2Mb / 4P
~35째 15째 oval beam optimized for Osram Golden Dragon
FA10750 LEDIL-FA10750_18 Datasheet
3Mb / 4P
~25째 medium beam optimized for Osram Golden Dragon . 14.6 mm high assembly with installation tape.
FA11114 LEDIL-FA11114 Datasheet
4Mb / 4P
~10째 x 40째 oval beam optimized for Osram Ostar Lighting . 13.2 mm high assembly
FA11135 LEDIL-FA11135_18 Datasheet
1Mb / 4P
~10째 x 40째 oval beam optimized for Osram Golden Dragon . 14.6 mm high assembly
FA11834 LEDIL-FA11834_18 Datasheet
1Mb / 4P
~40째 x 10째 oval beam optimized for Osram Golden Dragon . 14.6 mm high assembly with installation tape.
FCN11466 LEDIL-FCN11466_18 Datasheet
2Mb / 4P
~30째 medium beam optimized for Osram Golden Dragon . 14.6 mm high assembly.
FCN11258 LEDIL-FCN11258_18 Datasheet
1,020Kb / 3P
~25째 medium beam optimized for Osram Golden Dragon . 14.6 mm high assembly.
FCN11259 LEDIL-FCN11259_18 Datasheet
1Mb / 4P
~14째 diffused spot beam optimized for Osram Golden Dragon . 14.6 mm high assembly.
FCN11262 LEDIL-FCN11262_18 Datasheet
2Mb / 4P
~35째 x 25째 rectangular beam optimized for Osram Golden Dragon . 14.6 mm high assembly.
FCN11257 LEDIL-FCN11257_18 Datasheet
1Mb / 4P
~9.6째 spot beam optimized for Osram Golden Dragon . 14.6 mm high assembly.
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com