Electronic Components Datasheet Search
  English  ▼

X  

ACT9200 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # ACT9200
Description  MINIATURE LOW PROFILE SURFACE MOUNT PACKAGE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ACT9200 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  ACT9200 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Tel
(44) 0118 979 1238
Fax
(44) 0118 979 1283
email
info@actcrystals.com
Please note that not all parameters can necessarily be specified in a single device
ISO9002 Registered - Registration number 6830/2
For quotations or further information please contact us at:
3 The Business Centre, Molly Millars Lane, Wokingham, Berks, RG41 2EY, UK
www.advancedcrystaltechnology.com
Issue 1 D2 18/7/02
ACT9200
The Act9200 family is a miniature low profile Surface Mount package, housed in a ceramic
leadless chip carrier with a seam welded metal lid.
This 7 x 5mm device can be used in a wide range of applications where board space dictates
small size and automatic assembly is a requirement.
It is suitable for design into many
applications including Communications equipment, Audio Visual units, Measuring Instruments and
many more
Parameter
Symbol
Specification
Condition
Supply Voltage
VDD
3.3VDC ± 10%
5.0VDC ±10%
Frequency Range
fo
1.000 ~ 155.00MHz
1.500 ~ 106.250MHz
Frequency Stability
∆f/fo
±25ppm ~ ±100ppm
(& ±15ppm 3.3V)
Temp Operating Range
Topr
0 ~ +70°C Std
( -40 ~ +85°C available)
Please specify
Temp Storage Range
Tstg
-55 to +125°C
Supply Current (max)
Iop
16mA (1.000 ~ 34.999MHz)
20mA (1.50 ~ 23.90MHz)
25mA (35.000 ~ 60.00MHz)
40mA (24.00 ~ 49.99MKHz)
40mA (60.001 ~ 99.999MHz)
50mA (50.00 ~ 59.90MHz)
50mA (100.00 ~ 155.00MHz)
60mA (90.00 ~ 99.90MHz)
80mA (100.00 ~ 106.25MHz)
Duty Cycle
Tw/t
40/60% ( 45/55% available)
Please specify
Output Level ‘0’
VOH
0.4VDC max (TTL)
10% VDD max (HCMOS)
Output Level ‘1’
VOL
2.4VDC min (TTL)
90% VDD min (HCMOS)
Rise & Fall Time (max)
Tr/Tf
10nS (1.000 ~ 34.999MHz)
10nS (1.50 ~ 49.999MHz)
5nS (35.00 ~ 99.999MHz)
5nS (50.00MHz ~ 70.00MHz)
2.5nS x (100.00 ~ 157.00MHz)
3nS (100.00 ~ 106.25MHz)
Output Load
10TTL / 15pF (30pF available)
Please specify
Star-up Time
10mS max
Enable / Disable Function
Pin 1
Pin 3
(Pin 1 : E/D Control Pin)
OPEN
Active
(Pin 3 : Output Pin)
2.2V
Active
0.8V
High Impedance
Aging
±3ppm, ±5ppm / year max
@25°C
Period Jitter (Absolute)
100pS max
Period Jitter (one sigma)
25pS max
7.0 +- 0.2
6.45
6.2
5.08
1.2
2.6
1.4
+-0.2
+-0.2
+-0.2
5.0 +-0.2
Suggested Footprint
#1
#2
#4
1.8
2.0
4.2
5.08
Dimensions in mm
1.7
Pin connections
#1
#2
#3
Ground
Output
Vdd
#4
Tri-State


Similar Part No. - ACT9200

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
ACT9200 ACT-ACT9200 Datasheet
97Kb / 3P
miniature, low profile SMD
2/11/05
ACT9200L ACT-ACT9200L Datasheet
96Kb / 3P
miniature, low profile SMD
1/10/05
ACT9200SSC ACT-ACT9200SSC Datasheet
479Kb / 6P
a miniature, low profile SMD
01/02/06
ACT9200SSCL ACT-ACT9200SSCL Datasheet
304Kb / 5P
miniature, low profile SMD
26/10/05
logo
List of Unclassifed Man...
ACT9200WC ETC2-ACT9200WC Datasheet
126Kb / 3P
miniature, low profile SMD Microprocessor clock
More results

Similar Description - ACT9200

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HM66 ETC-HM66 Datasheet
81Kb / 8P
Miniature Low Profile, Shielded Surface Mount Inductors
logo
Omron Electronics LLC
G6H-2F OMRON-G6H-2F Datasheet
131Kb / 4P
Low Profile, Miniature, Surface Mount Relay
logo
STATEK CORPORATION
CXOM STATEK-CXOM Datasheet
230Kb / 2P
Low Profile Miniature Surface Mount Crystal Oscillator
CX2SM STATEK-CX2SM Datasheet
452Kb / 2P
Low Profile Miniature Surface Mount Quartz Crystal
CXO STATEK-CXO Datasheet
89Kb / 2P
Low Profile Miniature Surface Mount Crystal Oscillator
logo
Advanced Crystal Techno...
ACT9300 ACT-ACT9300 Datasheet
140Kb / 2P
miniature low profile Surface Mount
29/07/2006
ACT9325 ACT-ACT9325 Datasheet
760Kb / 3P
miniature low profile Surface Mount package clock oscillator,
29/10/07
logo
STATEK CORPORATION
CX3SM STATEK-CX3SM_08 Datasheet
121Kb / 2P
Low Profile Miniature Surface Mount Quartz Crystal
logo
TT Electronics.
HM66 TTELEC-HM66 Datasheet
720Kb / 3P
Miniature Low Profile, Shielded Surface Mount Inductors
HA66 TTELEC-HA66 Datasheet
373Kb / 3P
Miniature Low Profile, Shielded Surface Mount Inductors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com