Electronic Components Datasheet Search
  English  ▼

X  

ACRX531P Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # ACRX531P
Description  Fiber Optic Receiver
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ACRX531P Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  ACRX531P Datasheet HTML 1Page - List of Unclassifed Manufacturers ACRX531P Datasheet HTML 2Page - List of Unclassifed Manufacturers ACRX531P Datasheet HTML 3Page - List of Unclassifed Manufacturers ACRX531P Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ACRX531
http://www.analogchips.co.kr
AnalogChips Inc.
Electrical and Optical Characteristics (Vdd=5V, Ta=25 )
PARAMETER
SYMBOL CONDITIONS MIN
TYP.
MAX
UNIT
Operating Voltage
Vcc
-
4.5
5
5.5
V
Peak Sensitivity Wavelength
p
-
-
700
-
nm
Maximum Input Optical Power for Receiving Unit
PCMAX
Refer to Fig.1
-14.5
-
-
dBm
Minimum Input Optical Power for Receiving Unit
PCMIN
Refer to Fig.1
-
-
-24
dBm
Dissipation Current
Icc
Refer to Fig.2
-
5
8
mA
High Level Output Voltage
VOH
Refet to Fig.3
2.7
4.8
-
V
Low Level Output Voltage
VOL
Refer to Fig.3
-
0.1
0.4
V
Rise Time
tr
Refer to Fig.3
-
6
30
ns
Fall Time
tf
Refer to Fig.3
-
6
30
ns
Low
High Propagation Delay Time
tpLH
Refer to Fig.3
-
-
100
ns
High
Low Propagation Delay Time
tpHL
Refer to Fig.3
-
-
100
ns
Pulse Width Distortion
tw
Refer to Fig.3
-30
-
+30
ns
Jitter
tj
Refer to Fig.4
, Pc=-15dBm
-
1
30
ns
Operating Transfer Rate
T
-
0.1
-
12.5
Mbps
Transmission Distance
-
-
-
-
10
m
Standard
transmitter
Variable optical
attenuator
ACRX531
Optical power meter
Note : (1) Optical power meter must be calibrated to have
the wavelength sensitivity of 660nm.
Fig.1 Maximum Input Optical Power Level/Minimum Input Optical Power Level
Measuring Method of Receiving Unit



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com