Electronic Components Datasheet Search
  English  ▼

X  

80C88 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # 80C88
Description  CMOS 8-/16-Bit Microprocessor
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

80C88 Datasheet(HTML) 1 Page - Renesas Technology Corp

  80C88 Datasheet HTML 1Page - Renesas Technology Corp 80C88 Datasheet HTML 2Page - Renesas Technology Corp 80C88 Datasheet HTML 3Page - Renesas Technology Corp 80C88 Datasheet HTML 4Page - Renesas Technology Corp 80C88 Datasheet HTML 5Page - Renesas Technology Corp 80C88 Datasheet HTML 6Page - Renesas Technology Corp 80C88 Datasheet HTML 7Page - Renesas Technology Corp 80C88 Datasheet HTML 8Page - Renesas Technology Corp 80C88 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 39 page
background image
FN2949 Rev.5.00
Page 1 of 39
Sep 28, 2017
FN2949
Rev.5.00
Sep 28, 2017
80C88
CMOS 8-/16-Bit Microprocessor
DATASHEET
The Intersil 80C88 high performance 8-/16-bit CMOS CPU is
manufactured using a self-aligned silicon gate CMOS process
(Scaled SAJI IV). Two modes of operation, Minimum for small
systems and Maximum for larger applications such as
multiprocessing, allow user configuration to achieve the
highest performance level.
Full TTL compatibility (with the exception of CLOCK) and
industry-standard operation allow use of existing NMOS 8088
hardware and Intersil CMOS peripherals.
Complete software compatibility with the 80C86, 8086, and
8088 microprocessors allows use of existing software in new
designs.
Related Literature
• For a full list of related documents, visit our website
- 80C88 product page
Features
• Compatible with NMOS 8088
• Direct software compatibility with 80C86, 8086, 8088
• 8-bit data bus interface; 16-bit internal architecture
• Completely static CMOS design
- DC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5MHz (80C88)
- DC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8MHz (80C88-2)
•Low power operation
- ICCSB. . . . . . . . . . . . . . . . . . . . . . . . . . . . . 500µA maximum
- ICCOP. . . . . . . . . . . . . . . . . . . . . . . . . 10mA/MHz maximum
• 1 MB of direct memory addressing capability
• 24 operand addressing modes
• Bit, byte, word, and block move operations
• 8-bit and 16-bit signed/unsigned arithmetic
• Bus-hold circuitry eliminates pull-up resistors
• Wide operating temperature ranges
- C80C88 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .0°C to +70°C
- M80C88 . . . . . . . . . . . . . . . . . . . . . . . . . . .-55°C to +125°C
• Pb-free available (RoHS compliant)
Ordering Information
PART NUMBER
(5MHz)
PART
MARKING
PART NUMBER
(8MHz)
PART
MARKING
TEMPERATURE
RANGE
(°C)
PACKAGE
PKG. DWG. #
MD80C88/B
MD80C88/B
-55 to +125
40 LD CERDIP
F40.6
CP80C88Z
(Note)
CP80C88Z
CP80C88-2Z
0 to +70
40 LD PDIP*
(Pb-Free)
E40.6
NOTE: These Intersil Pb-free plastic packaged products employ special Pb-free material sets; molding compounds/die attach materials and 100% matte
tin plate PLUS ANNEAL - e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations. Intersil Pb-free
products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.


Similar Part No. - 80C88

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
80C88 INTERSIL-80C88 Datasheet
246Kb / 32P
CMOS 8/16-Bit Microprocessor
March 1997
80C88 INTERSIL-80C88 Datasheet
620Kb / 32P
CMOS 8/16-Bit Microprocessor
November 2004
80C88 INTERSIL-80C88 Datasheet
606Kb / 38P
CMOS 8-/16-Bit Microprocessor
February 22, 2008
80C883 INTERSIL-80C883 Datasheet
365Kb / 13P
High Performance Microprocessor with Memory Management and Protection
March 1997
80C88 INTERSIL-80C88_04 Datasheet
620Kb / 32P
CMOS 8/16-Bit Microprocessor
November 2004
More results

Similar Description - 80C88

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM80C86A-10RS OKI-MSM80C86A-10RS Datasheet
269Kb / 37P
16-Bit CMOS MICROPROCESSOR
MSM80C88A-10RS OKI-MSM80C88A-10RS Datasheet
270Kb / 37P
8-Bit CMOS MICROPROCESSOR
logo
California Micro Device...
G65SC816 CALMIRCO-G65SC816 Datasheet
115Kb / 2P
CMOS 8/16-BIT MICROPROCESSOR FAMILY
logo
Intersil Corporation
80C86 INTERSIL-80C86 Datasheet
339Kb / 35P
CMOS 16-Bit Microprocessor
January 9, 2009
80C88 INTERSIL-80C88 Datasheet
246Kb / 32P
CMOS 8/16-Bit Microprocessor
March 1997
80C88 INTERSIL-80C88_04 Datasheet
620Kb / 32P
CMOS 8/16-Bit Microprocessor
November 2004
80C86 INTERSIL-80C86_06 Datasheet
804Kb / 37P
CMOS 16-Bit Microprocessor
August 22, 2006
80C88 INTERSIL-80C88_08 Datasheet
606Kb / 38P
CMOS 8-/16-Bit Microprocessor
February 22, 2008
80C86 INTERSIL-80C86 Datasheet
686Kb / 37P
CMOS 16-Bit Microprocessor
January 9, 2009
logo
Renesas Technology Corp
80C86 RENESAS-80C86 Datasheet
1Mb / 38P
CMOS 16-Bit Microprocessor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com