Electronic Components Datasheet Search
  English  ▼

X  

82C52 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # 82C52
Description  CMOS Serial Controller Interface
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

82C52 Datasheet(HTML) 5 Page - Renesas Technology Corp

  82C52 Datasheet HTML 1Page - Renesas Technology Corp 82C52 Datasheet HTML 2Page - Renesas Technology Corp 82C52 Datasheet HTML 3Page - Renesas Technology Corp 82C52 Datasheet HTML 4Page - Renesas Technology Corp 82C52 Datasheet HTML 5Page - Renesas Technology Corp 82C52 Datasheet HTML 6Page - Renesas Technology Corp 82C52 Datasheet HTML 7Page - Renesas Technology Corp 82C52 Datasheet HTML 8Page - Renesas Technology Corp 82C52 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
82C52
FN2950 Rev 4.00
Page 5 of 21
November 25, 2015
Reset
During and after power-up, the 82C52 Reset Input (RST)
must be held high for at least two IX clock cycles in order to
initialize and drive the 82C52 circuits to an idle mode until
proper programming can be done. A high on RST causes
the following events to occur
• Resets the internal Baud Rate Generator (BRG) circuit
clock counters and bit counters. The Baud Rate Select
Register (BRSR) is not affected (except for bit 7 which is
reset to 0).
• Clears the UART Status Register (USR) except for
Transmission Complete (TC) and Transmit Buffer Register
Empty (TBRE) which are set. The Modem Control
Register (MCR) is also cleared. All of the discrete lines,
memory elements and miscellaneous logic associated
with these register bits are also cleared or turned off. Note
that the UART Control Register (UCR) is not affected.
Following removal of the reset condition (RST = low), the
82C52 remains in the idle mode until programmed to its
desired system configuration.
Programming The 82C52
The complete functional definition of the 82C52 is
programmed by the systems software. A set of control words
(UCR, BRSR and MCR) must be sent out by the CPU to
initialize the 82C52 to support the desired communication
format. These control words will program the character
length, number of stop bits, even/odd/no parity, baud rate,
etc. Once programmed, the 82C52 is ready to perform its
communication functions.
The control registers can be written to in any order. However,
the MCR should be written to last because it controls the
interrupt enables, modem control outputs and the receiver
enable bit. Once the 82C52 is programmed and operational,
these registers can be updated any time the 82C52 is not
immediately transmitting or receiving data.
Table 1. Shows the control signals required to access 82C52
internal registers.
UART Control Register (UCR)
The UCR is a write only register which configures the UART
transmitter and receiver circuits. Data bits D7 and D6 are not
used but should always be set to a logic zero (0) in order to
insure software compatibility with future product upgrades.
During the Echo Mode, the transmitter always repeats the
received word and parity, even when the UCR is
programmed with different or no parity. See Figure 1.
Baud Rate Select Register (BRSR)
The 82C52 is designed to operate with a single crystal or
external clock driving the IX input pin. The Baud Rate Select
Register is used to select the divide ratio (one of 72) for the
internal Baud Rate Generator circuitry. The internal circuitry
is separated into two separate counters, a Prescaler and a
Divisor Select. The Prescaler can be set to any one of four
division rates,
1, 3, 4, or 5.
TABLE 1.
CS0
A1
A0
WR
RD
OPERATION
00001
Data Bus
 Transmitter Buffer
Register (TBR)
00010
Receiver Buffer Register
(RBR)
 Data Bus
00101
Data Bus
 UART Control
Register (UCR)
00110
UART Status Register
(USR)
 Data Bus
01001
Data Bus
 Modem Control
Register (MCR)
01010
MCR
 Data Bus
01101
Data Bus
 Bit Rate Select
Register (BRSR)
01110
Modem Status Register
(MSR)
 Data Bus
D7 D6 D5 D4 D3 D2 D1 D0
Stop Bit
Select
0 = 1 Stop Bits
1 = 1.5 Stop Bits (Tx)
and 1 Stop Bit (Rx)
If 5 Data Bits Selected
1 = 2 Stop Bits for 6, 7
or 8 Data Bits Selected
Parity
Control
000 = Tx and Rx Even
001 = Tx and Rx Odd
010 = Tx Even, Rx
Odd
011 = Tx Odd, Rx
Even
100 = Tx Even, Rx
Check Disabled
101 = Tx Odd, Rx
Check Disabled
11X = Generation and
Check Disabled
Word
Length
Select
00 = 5 Bits
01 = 6 Bits
10 = 7 Bits
11 = 8 Bits
Reserved Set to 00 for Future
Product Upgrade
Compatibility
FIGURE 1. UCR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com