Electronic Components Datasheet Search
  English  ▼

X  

CS82C84AZ Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # CS82C84AZ
Description  CMOS Clock Generator Driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

CS82C84AZ Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button CS82C84AZ Datasheet HTML 4Page - Renesas Technology Corp CS82C84AZ Datasheet HTML 5Page - Renesas Technology Corp CS82C84AZ Datasheet HTML 6Page - Renesas Technology Corp CS82C84AZ Datasheet HTML 7Page - Renesas Technology Corp CS82C84AZ Datasheet HTML 8Page - Renesas Technology Corp CS82C84AZ Datasheet HTML 9Page - Renesas Technology Corp CS82C84AZ Datasheet HTML 10Page - Renesas Technology Corp CS82C84AZ Datasheet HTML 11Page - Renesas Technology Corp CS82C84AZ Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
82C84A
FN2974 Rev 4.00
Page 8 of 13
Sep 9, 2015
AC Electrical Specifications VCC = +5V 10%,
TA = 0oC to +70oC (C82C84A),
TA = -40oC to +85oC (I82C84A),
TA = -55oC to +125oC (M82C84A)
SYMBOL
PARAMETER
LIMITS
UNITS
(NOTE 1)
TEST
CONDITIONS
MIN
MAX
TIMING REQUIREMENTS
(1)
TEHEL
External Frequency HIGH Time
13
-
ns
90%-90% VIN
(2)
TELEH
External Frequency LOW Time
13
-
ns
10%-10% VIN
(3)
TELEL
EFI Period
36
-
ns
XTAL Frequency
2.4
25
MHz
Note 2
(4)
TR2VCL
RDY1, RDY2 Active Setup to CLK
35
-
ns
ASYNC = HIGH
(5)
TR1VCH
RDY1, RDY2 Active Setup to CLK
35
-
ns
ASYNC = LOW
(6)
TR1VCL
RDY1, RDY2 Inactive Setup to CLK
35
-
ns
(7)
TCLR1X
RDY1, RDY2 Hold to CLK
0
-
ns
(8)
TAYVCL
ASYNC Setup to CLK
50
-
ns
(9)
TCLAYX
ASYNC Hold to CLK
0
-
ns
(10)
TA1VR1V
AEN1, AEN2 Setup to RDY1, RDY2
15
-
ns
(11)
TCLA1X
AEN1, AEN2 Hold to CLK
0
-
ns
(12)
TYHEH
CSYNC Setup to EFI
20
-
ns
(13)
TEHYL
CSYNC Hold to EFI
20
-
ns
(14)
TYHYL
CSYNC Width
2 TELEL
-
ns
(15)
TI1HCL
RES Setup to CLK
65
-
ns
Note 3
(16)
TCLI1H
RES Hold to CLK
20
-
ns
Note 3
TIMING RESPONSES
(17)
TCLCL
CLK Cycle Period
125
-
ns
Note 6
(18)
TCHCL
CLK HIGH Time
(1/3 TCLCL) +2.0
-
ns
Note 6
(19)
TCLCH
CLK LOW Time
(2/3 TCLCL) -15.0
-
ns
Note 6
(20)
(21)
TCH1CH2
TCL2CL1
CLK Rise or Fall Time
-
10
ns
1.0V to 3.0V
(22)
TPHPL
PCLK HIGH Time
TCLCL-20
-
ns
Note 6
(23)
TPLPH
PCLK LOW Time
TCLCL-20
-
ns
Note 6
(24)
TRYLCL
Ready Inactive to CLK (See Note 4)
-8
-
ns
Note 4
(25)
TRYHCH
Ready Active to CLK (See Note 3)
(2/3 TCLCL) -15.0
-
ns
Note 5
(26)
TCLIL
CLK to Reset Delay
-
40
ns
(27)
TCLPH
CLK to PCLK HIGH Delay
-
22
ns
(28)
TCLPL
CLK to PCLK LOW Delay
-
22
ns
(29)
TOLCH
OSC to CLK HIGH Delay
-5
22
ns
(30)
TOLCL
OSC to CLK LOW Delay
2
35
ns
NOTES:
1. Tested as follows: f = 2.4MHz, VIH = 2.6V, VIL = 0.4V, CL = 50pF, VOH 1.5V, VOL 1.5V, unless otherwise specified. RES and F/C must switch
between 0.4V and VCC -0.4V. Input rise and fall times driven at 1ns/V. VIL  VIL (max) - 0.4V for CSYNC pin. VCC = 4.5V and 5.5V.
2. Tested using EFI or X1 input pin.
3. Setup and hold necessary only to guarantee recognition at next clock.
4. Applies only to T2 states.
5. Applies only to T3 TW states.
6. Tested with EFI input frequency = 4.2MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com