Electronic Components Datasheet Search
  English  ▼

X  

CA3140AMZ Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # CA3140AMZ
Description  4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

CA3140AMZ Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button CA3140AMZ Datasheet HTML 4Page - Renesas Technology Corp CA3140AMZ Datasheet HTML 5Page - Renesas Technology Corp CA3140AMZ Datasheet HTML 6Page - Renesas Technology Corp CA3140AMZ Datasheet HTML 7Page - Renesas Technology Corp CA3140AMZ Datasheet HTML 8Page - Renesas Technology Corp CA3140AMZ Datasheet HTML 9Page - Renesas Technology Corp CA3140AMZ Datasheet HTML 10Page - Renesas Technology Corp CA3140AMZ Datasheet HTML 11Page - Renesas Technology Corp CA3140AMZ Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
CA3140, CA3140A
FN957 Rev.10.00
Page 8 of 24
Jul 11, 2005
Output Circuit Considerations
Excellent interfacing with TTL circuitry is easily achieved with a
single 6.2V zener diode connected to Terminal 8 as shown in
Figure 1. This connection assures that the maximum output
signal swing will not go more positive than the zener voltage
minus two base-to-emitter voltage drops within the CA3140.
These voltages are independent of the operating supply
voltage.
Figure 2 shows output current sinking capabilities of the
CA3140 at various supply voltages. Output voltage swing to
the negative supply rail permits this device to operate both
power transistors and thyristors directly without the need for
level shifting circuitry usually associated with the 741 series of
operational amplifiers.
Figure 4 shows some typical configurations. Note that a series
resistor, RL, is used in both cases to limit the drive available to
the driven device. Moreover, it is recommended that a series
diode and shunt diode be used at the thyristor input to prevent
large negative transient surges that can appear at the gate of
thyristors, from damaging the integrated circuit.
Offset Voltage Nulling
The input offset voltage can be nulled by connecting a 10k
potentiometer between Terminals 1 and 5 and returning its
wiper arm to terminal 4, see Figure 3A. This technique,
however, gives more adjustment range than required and
therefore, a considerable portion of the potentiometer rotation
is not fully utilized. Typical values of series resistors (R) that
may be placed at either end of the potentiometer, see Figure
3B, to optimize its utilization range are given in the Electrical
Specifications table.
An alternate system is shown in Figure 3C. This circuit uses
only one additional resistor of approximately the value shown
in the table. For potentiometers, in which the resistance does
not drop to 0
 at either end of rotation, a value of resistance
10% lower than the values shown in the table should be used.
Low Voltage Operation
Operation at total supply voltages as low as 4V is possible with
the CA3140. A current regulator based upon the PMOS
threshold voltage maintains reasonable constant operating
current and hence consistent performance down to these lower
voltages.
The low voltage limitation occurs when the upper extreme of the
input common mode voltage range extends down to the voltage
at Terminal 4. This limit is reached at a total supply voltage just
below 4V. The output voltage range also begins to extend down to
the negative supply rail, but is slightly higher than that of the input.
Figure 8 shows these characteristics and shows that with 2V dual
supplies, the lower extreme of the input common mode voltage
range is below ground potential.
3
2
4
CA3140
8
6
7
V+
5V TO 36V
6.2V
5V
LOGIC
SUPPLY
5V
TYPICAL
TTL GATE
FIGURE 1. ZENER CLAMPING DIODE CONNECTED TO
TERMINALS 8 AND 4 TO LIMIT CA3140 OUTPUT
SWING TO TTL LEVELS
1
0.01
0.1
LOAD (SINKING) CURRENT (mA)
1.0
10
10
100
1000
SUPPLY VOLTAGE (V-) = 0V
TA = 25oC
SUPPLY VOLTAGE (V+) = +5V
+15V
+30V
FIGURE 2. VOLTAGE ACROSS OUTPUT TRANSISTORS (Q15
AND Q16) vs LOAD CURRENT
FIGURE 3A. BASIC
FIGURE 3B. IMPROVED RESOLUTION
FIGURE 3C. SIMPLER IMPROVED RESOLUTION
FIGURE 3. THREE OFFSET VOLTAGE NULLING METHODS
3
2
4
CA3140
7
6
V+
5
1
V-
10k
3
2
4
CA3140
7
6
V+
5
1
V-
10k
R
R
3
2
4
CA3140
7
6
V+
5
1
V-
10k
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com