Electronic Components Datasheet Search
  English  ▼

X  

C11816 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # C11816
Description  Beam for area lighting with shorter illumination distances. Optimized for CREE XP-G and XP-E.
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

C11816 Datasheet(HTML) 1 Page - Ledil, Inc.

  C11816 Datasheet HTML 1Page - Ledil, Inc. C11816 Datasheet HTML 2Page - Ledil, Inc. C11816 Datasheet HTML 3Page - Ledil, Inc. C11816 Datasheet HTML 4Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PRODUCT
DATASHEET
C11816_STRADA-SQ-T-DN
STRADA-SQ-T-DN
Beam for area lighting with shorter illumination
distances. Optimized for CREE XP-G and XP-E.
TECHNICAL SPECIFICATIONS:
Dimensions
25 + 25 mm
Height
8.8 mm
Fastening
glue, screw
Colour
clear
Box size
476 x 273 x 292 mm
Box weight
6.9 kg
Quantity in Box
2058 pcs
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
STRADA-SQ-T-DN
Lens
PMMA
clear
Last update: 06/03/2017
Subject to change without prior notice
1/4
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.


Similar Part No. - C11816

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C11811 CREE-C11811 Datasheet
1Mb / 19P
Anna series
logo
Ledil, Inc.
C11811 LEDIL-C11811 Datasheet
1Mb / 7P
~15째 spot beam with 6 optics
logo
Cree, Inc
C11812 CREE-C11812 Datasheet
1Mb / 20P
Anna series
logo
Ledil, Inc.
C11812 LEDIL-C11812 Datasheet
1Mb / 7P
~20째 medium beam with 6 optics
logo
List of Unclassifed Man...
C118120006 ETC2-C118120006 Datasheet
71Kb / 3P
Timers Symmetrical Recycler
More results

Similar Description - C11816

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
CA13493 LEDIL-CA13493 Datasheet
1Mb / 5P
Beam for area lighting with shorter illumination distances. Optimized for CREE XT-E and XP-G2. Assembly with installation tape.
C13492 LEDIL-C13492 Datasheet
1Mb / 4P
Beam for area lighting with shorter illumination distances. Optimized for CREE XT-E and XP-G2.
CA11817 LEDIL-CA11817 Datasheet
1Mb / 5P
Beam for area lighting with shorter illumination distances.
C10926 LEDIL-C10926 Datasheet
1Mb / 5P
Oval beam for area lighting optimized for CREE XP-E and XP-G
C11415 LEDIL-C11415 Datasheet
1Mb / 7P
Beam for area lighting with shorter illumination distances optimized
C12049 LEDIL-C12049 Datasheet
1Mb / 6P
Forward throw beam for area lighting optimized for XP-G and XP-E
CA11890 LEDIL-CA11890 Datasheet
1Mb / 5P
Beam for area lighting with shorter illumination distances
CA10927 LEDIL-CA10927 Datasheet
850Kb / 5P
Oval beam for area lighting optimized for CREE XP-E and XP-G
CA11416 LEDIL-CA11416 Datasheet
1Mb / 9P
Beam for area lighting with shorter illumination distances optimized for CREE XP-G
CA12050 LEDIL-CA12050 Datasheet
1Mb / 9P
Forward throw beam for area lighting optimized for XP-G and XP-E.
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com