Electronic Components Datasheet Search
  English  ▼

X  

DG211 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # DG211
Description  SPST 4-Channel Analog Switch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DG211 Datasheet(HTML) 1 Page - Renesas Technology Corp

  DG211 Datasheet HTML 1Page - Renesas Technology Corp DG211 Datasheet HTML 2Page - Renesas Technology Corp DG211 Datasheet HTML 3Page - Renesas Technology Corp DG211 Datasheet HTML 4Page - Renesas Technology Corp DG211 Datasheet HTML 5Page - Renesas Technology Corp DG211 Datasheet HTML 6Page - Renesas Technology Corp DG211 Datasheet HTML 7Page - Renesas Technology Corp DG211 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
FN3118 Rev 5.00
Page 1 of 8
November 19, 2007
FN3118
Rev 5.00
November 19, 2007
DG211
SPST 4-Channel Analog Switch
DATASHEET
The DG211 is a low cost, CMOS monolithic, Quad SPST
analog switch. It can be used in general purpose switching
applications for communications, instrumentation, process
control and computer peripheral equipment and provides
true bi-directional performance in the ON condition and
blocks signals to 30VP-P in the OFF condition.
Pinout
DG211
(16 LD PDIP, SOIC, TSSOP)
TOP VIEW
Features
• Switches ±15V Analog Signals
• TTL Compatibility
• Logic Inputs Accept Negative Voltages
•rON (Max). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 175
• Pb-Free Available (RoHS Compliant)
Functional Block Diagram
DG211
Ordering Information
PART
NUMBER
PART
MARKING
TEMP.
RANGE (°C)
PACKAGE
PKG.
DWG. #
DG211CJ
DG211CJ
0 to +70
16 Ld PDIP
E16.3
DG211CJZ
(Note)
DG211CJZ
0 to +70
16 Ld PDIP*
(Pb-free)
E16.3
DG211CY**
DG211CY
0 to +70
16 Ld SOIC
M16.15
DG211CYZ**
(Note)
DG211CYZ
0 to +70
16 Ld SOIC
(Pb-free)
M16.15
DG211CVZ**
(Note)
DG211 CVZ
0 to +70
16 Ld TSSOP
(Pb-free)
M16.173
*Pb-free PDIPs can be used for through hole wave solder processing
only. They are not intended for use in Reflow solder processing
applications.
**Add “-T” suffix for tape and reel. Please refer to TB347 for details
on reel specifications.
NOTE: These Intersil Pb-free plastic packaged products employ
special Pb-free material sets; molding compounds/die attach
materials and 100% matte tin plate PLUS ANNEAL - e3 termination
finish, which is RoHS compliant and compatible with both SnPb and
Pb-free soldering operations. Intersil Pb-free products are MSL
classified at Pb-free peak reflow temperatures that meet or exceed
the Pb-free requirements of IPC/JEDEC J STD-020.
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
IN1
D1
S1
V-
GND
S4
IN4
D4
IN2
S2
V+ (SUBSTRATE)
VL (+5V)
S3
D3
IN3
D2
TRUTH TABLE
LOGIC
DG211
0ON
1OFF
Logic “0”
0.8V, Logic “1”  2.4V
IN1
S1
D1
IN2
S2
D2
IN3
S3
D3
IN4
S4
D4
NOT RECOMMENDED FOR NEW DESIGNS
NO RECOMMENDED REPLACEMENT
contact our Technical Support Center at
1-888-INTERSIL or www.intersil.com/tsc


Similar Part No. - DG211

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
DG211 INTERSIL-DG211 Datasheet
100Kb / 7P
SPST 4-Channel Analog Switches
June 1999
logo
Maxim Integrated Produc...
DG211 MAXIM-DG211 Datasheet
305Kb / 8P
Quad SPST CMOS Analog Switches
logo
Intersil Corporation
DG211 INTERSIL-DG211 Datasheet
281Kb / 7P
SPST 4-Channel Analog Switch
December 21, 2005
logo
Maxim Integrated Produc...
DG211 MAXIM-DG211 Datasheet
517Kb / 12P
Quad SPST CMOS Analog Switches
Rev 2; 5/06
logo
Vishay Siliconix
DG211B VISHAY-DG211B Datasheet
92Kb / 8P
Improved Quad CMOS Analog Switches
24-Apr-00
More results

Similar Description - DG211

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
DG211 INTERSIL-DG211 Datasheet
100Kb / 7P
SPST 4-Channel Analog Switches
June 1999
DG211 INTERSIL-DG211_05 Datasheet
281Kb / 7P
SPST 4-Channel Analog Switch
December 21, 2005
logo
Texas Instruments
TS5A4597 TI1-TS5A4597_14 Datasheet
704Kb / 18P
SINGLE-CHANNEL 8 SPST ANALOG SWITCH
TS5A4594 TI1-TS5A4594_14 Datasheet
883Kb / 22P
SINGLE-CHANNEL 8- SPST ANALOG SWITCH
MAX4594 TI-MAX4594_15 Datasheet
680Kb / 16P
SINGLE-CHANNEL 10 SPST ANALOG SWITCH
MAX4596 TI-MAX4596_15 Datasheet
680Kb / 16P
SINGLE-CHANNEL 10 SPST ANALOG SWITCH
MAX4597 TI-MAX4597_15 Datasheet
680Kb / 16P
SINGLE-CHANNEL 10 SPST ANALOG SWITCH
TS5A4597 TI-TS5A4597_15 Datasheet
685Kb / 17P
SINGLE-CHANNEL 8 SPST ANALOG SWITCH
TS5A3166 TI1-TS5A3166_16 Datasheet
1Mb / 32P
SPST Analog Switch
TS5A23167 TI1-TS5A23167_15 Datasheet
886Kb / 30P
DUAL SPST ANALOG SWITCH 2-CHANNEL ANALOG SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com