Electronic Components Datasheet Search
  English  ▼

X  

EL1881CS Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # EL1881CS
Description  Sync Separator, Low Power
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

EL1881CS Datasheet(HTML) 2 Page - Renesas Technology Corp

  EL1881CS Datasheet HTML 1Page - Renesas Technology Corp EL1881CS Datasheet HTML 2Page - Renesas Technology Corp EL1881CS Datasheet HTML 3Page - Renesas Technology Corp EL1881CS Datasheet HTML 4Page - Renesas Technology Corp EL1881CS Datasheet HTML 5Page - Renesas Technology Corp EL1881CS Datasheet HTML 6Page - Renesas Technology Corp EL1881CS Datasheet HTML 7Page - Renesas Technology Corp EL1881CS Datasheet HTML 8Page - Renesas Technology Corp EL1881CS Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
EL1881
FN7018 Rev 2.00
Page 2 of 13
September 15, 2011
Pin Descriptions
PIN NUMBER
PIN NAME
PIN FUNCTION
1
Composite Sync
Out
Composite sync pulse output; sync pulses start on a falling edge and end on a rising edge
2
Composite Video
In
AC coupled composite video input; sync tip must be at the lowest potential (positive picture phase)
3
Vertical Sync Out
Vertical sync pulse output; the falling edge of vert sync is the start of the vertical period
4
GND
Supply ground
5
Burst/Back Porch
Output
Burst/back porch output; low during burst portion of composite video
6RSET (Note 1)
An external resistor to ground sets all internal timing; a 681k 1% resistor will provide correct timing for
NTSC signals
7
Odd/Even Output
Odd/even field output; high during odd fields, low during even fields; transitions occur at start of vert sync
pulse
8
VDD 5V
Positive supply (5V)
NOTE:
1. RSET must be a 1% resistor
Ordering Information
PART NUMBER
PART MARKING
PACKAGE
PKG. DWG. #
EL1881CN
EL1881CN
8 Ld PDIP
E8.3
EL1881CS
1881CS
8 Ld SOIC
M8.15E
EL1881CS-T7 (Note 2)
1881CS
8 Ld SOIC (Tape & Reel)
M8.15E
EL1881CSZ (Notes 3, 4)
1881CSZ
8 Ld SOIC (Pb-free)
M8.15E
EL1881CSZ-T7 (Notes 2, 3, 4)
1881CSZ
8 Ld SOIC (Pb-free, Tape & Reel)
M8.15E
EL1881CSZ-T13 (Notes 2, 3, 4))
1881CSZ
8 Ld SOIC (Pb-free, Tape & Reel)
M8.15E
NOTES:
2. Please refer to TB347 for details on reel specifications.
3. These Intersil Pb-free plastic packaged products employ special Pb-free material sets, molding compounds/die attach materials, and 100% matte
tin plate plus anneal (e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations). Intersil
Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-
020.
4. For Moisture Sensitivity Level (MSL), please see device information page for EL1881. For more information on MSL, please see Technical Brief
TB363.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com