Electronic Components Datasheet Search
  English  ▼

X  

EL2045CS Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # EL2045CS
Description  Low-Power 100MHz Gain-of-2 Stable Operational Amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

EL2045CS Datasheet(HTML) 1 Page - Renesas Technology Corp

  EL2045CS Datasheet HTML 1Page - Renesas Technology Corp EL2045CS Datasheet HTML 2Page - Renesas Technology Corp EL2045CS Datasheet HTML 3Page - Renesas Technology Corp EL2045CS Datasheet HTML 4Page - Renesas Technology Corp EL2045CS Datasheet HTML 5Page - Renesas Technology Corp EL2045CS Datasheet HTML 6Page - Renesas Technology Corp EL2045CS Datasheet HTML 7Page - Renesas Technology Corp EL2045CS Datasheet HTML 8Page - Renesas Technology Corp EL2045CS Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
FN7030 Rev 1.00
Page 1 of 10
February 11, 2005
FN7030
Rev 1.00
February 11, 2005
EL2045
Low-Power 100MHz Gain-of-2 Stable Operational Amplifier
DATASHEET
The EL2045 is a high speed, low power, low cost monolithic
operational amplifier built on Elantec's proprietary
complementary bipolar process. The EL2045 is gain-of-2
stable and features a 275V/µs slew rate and 100MHz gain-
bandwidth at gain-of-2 while requiring only 5.2mA of supply
current.
The power supply operating range of the EL2045 is from
±18V down to as little as ±2V. For single-supply operation,
the EL2045 operates from 36V down to as little as 2.5V. The
excellent power supply operating range of the EL2045
makes it an obvious choice for applications on a single +5V
or +3V supply.
The EL2045 also features an extremely wide output voltage
swing of ±13.6V with VS = ±15V and RL = 1k. At ±5V,
output voltage swing is a wide ±3.8V with RL = 500 and
±3.2V with RL = 150. Furthermore, for single-supply
operation at +5V, output voltage swing is an excellent 0.3V
to 3.8V with RL = 500.
At a gain of +2, the EL2045 has a -3dB bandwidth of
100MHz with a phase margin of 50°. Because of its
conventional voltage-feedback topology, the EL2045 allows
the use of reactive or non-linear elements in its feedback
network. This versatility combined with low cost and 75mA of
output-current drive makes the EL2045 an ideal choice for
price-sensitive applications requiring low power and high
speed.
Features
• 100MHz gain-bandwidth at gain-of-2
• Gain-of-2 stable
• Low supply current - 5.2mA at VS = ±15V
• Wide supply range - ±2V to ±18V dual-supply and 2.5V to
36V single-supply
• High slew rate - 275V/µs
• Fast-settling - 80ns to 0.1% for a 10V step
• Low differential gain - 0.02% at AV =+2, RL = 150
• Low differential phase - 0.07° at AV = +2, RL = 150
• Wide output voltage swing - ±13.6V with VS =±15V,
RL =1kand 3.8V/0.3V with VS =+5V, RL =500
• Pb-Free available (RoHS compliant)
Applications
• Video amplifiers
• Single-supply amplifiers
• Active filters/integrators
• High speed sample-and-hold
• High speed signal processing
• ADC/DAC buffers
• Pulse/RF amplifiers
• Pin diode receivers
• Log amplifiers
• Photo multiplier amplifiers
• Difference amplifiers
Ordering Information
PART NUMBER
PACKAGE
TAPE & REEL PKG. DWG. #
EL2045CS
8-Pin SO
-
MDP0027
EL2045CS-T7
8-Pin SO
7”
MDP0027
EL2045CS-T13
8-Pin SO
13”
MDP0027
EL2045CSZ
(See Note)
8-Pin SO
(Pb-free)
-
MDP0027
EL2045CSZ-T7
(See Note)
8-Pin SO
(Pb-free)
7”
MDP0027
EL2045CSZ-T13
(See Note)
8-Pin SO
(Pb-free)
13”
MDP0027
EL2045CN
8-Pin PDIP
-
MDP0031
NOTE: Intersil Pb-free products employ special Pb-free material sets;
molding compounds/die attach materials and 100% matte tin plate
termination finish, which are RoHS compliant and compatible with
both SnPb and Pb-free soldering operations. Intersil Pb-free products
are MSL classified at Pb-free peak reflow temperatures that meet or
exceed the Pb-free requirements of IPC/JEDEC J STD-020.
Pinout
1
2
3
4
8
7
6
5
EL2045
(8-PIN SO & 8-PIN PDIP)
TOP VIEW
-
+
NC
IN-
IN+
V-
NC
V+
OUT
NC
NOT RECO
MMENDED
FOR NEW D
ESIGNS
NO RECOM
MENDED R
EPLACEME
NT
contact our
Technical S
upport Cen
ter at
1-888-INTER
SIL or www
.intersil.com
/tsc


Similar Part No. - EL2045CS

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL2045CS ELANTEC-EL2045CS Datasheet
306Kb / 12P
Low-Power 100 MHz Gain-of-2 Stable Operational Amplifier
logo
Intersil Corporation
EL2045CS INTERSIL-EL2045CS Datasheet
279Kb / 10P
Low-Power 100MHz Gain-of-2 Stable Operational Amplifier
February 11, 2005
EL2045CS-T13 INTERSIL-EL2045CS-T13 Datasheet
279Kb / 10P
Low-Power 100MHz Gain-of-2 Stable Operational Amplifier
February 11, 2005
EL2045CS-T7 INTERSIL-EL2045CS-T7 Datasheet
279Kb / 10P
Low-Power 100MHz Gain-of-2 Stable Operational Amplifier
February 11, 2005
EL2045CSZ INTERSIL-EL2045CSZ Datasheet
279Kb / 10P
Low-Power 100MHz Gain-of-2 Stable Operational Amplifier
February 11, 2005
More results

Similar Description - EL2045CS

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL2044C ELANTEC-EL2044C Datasheet
414Kb / 13P
Low Power/Low Voltage 120MHz Unity-Gain Stable Operational Amplifier
EL2045C ELANTEC-EL2045C Datasheet
306Kb / 12P
Low-Power 100 MHz Gain-of-2 Stable Operational Amplifier
EL2074C ELANTEC-EL2074C Datasheet
400Kb / 12P
400MHz GBWP Gain-of-2 Stable Operational Amplifier
EL2075C ELANTEC-EL2075C Datasheet
466Kb / 11P
2GHz GBWP Gain-of-10 Stable Operational Amplifier
EL2245C ELANTEC-EL2245C Datasheet
450Kb / 14P
Dual/Quad Low-Power 100MHz Gain-of-2 Stable Op Amp
logo
Intersil Corporation
EL2045 INTERSIL-EL2045 Datasheet
279Kb / 10P
Low-Power 100MHz Gain-of-2 Stable Operational Amplifier
February 11, 2005
EL2044 INTERSIL-EL2044 Datasheet
258Kb / 10P
Low Power/Low Voltage 120MHz Unity-Gain Stable Operational Amplifier
August 16, 2004
EL2445 INTERSIL-EL2445 Datasheet
244Kb / 12P
Dual/Quad Low-Power 100MHz Gain-of-2 Stable Op Amp
March 27, 2002
EL2074 INTERSIL-EL2074 Datasheet
227Kb / 10P
400MHz GBWP Gain-of-2 Stable Operational Amplifier
September 26, 2001
EL2075 INTERSIL-EL2075 Datasheet
174Kb / 8P
2GHz GBWP Gain-of-10 Stable Operational Amplifier
September 26, 2001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com