Electronic Components Datasheet Search
  English  ▼

X  

EL2126CS Datasheet(PDF) 12 Page - Renesas Technology Corp

Part # EL2126CS
Description  Ultra-Low Noise, Low Power, Wideband Amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

EL2126CS Datasheet(HTML) 12 Page - Renesas Technology Corp

Back Button EL2126CS Datasheet HTML 8Page - Renesas Technology Corp EL2126CS Datasheet HTML 9Page - Renesas Technology Corp EL2126CS Datasheet HTML 10Page - Renesas Technology Corp EL2126CS Datasheet HTML 11Page - Renesas Technology Corp EL2126CS Datasheet HTML 12Page - Renesas Technology Corp EL2126CS Datasheet HTML 13Page - Renesas Technology Corp EL2126CS Datasheet HTML 14Page - Renesas Technology Corp EL2126CS Datasheet HTML 15Page - Renesas Technology Corp EL2126CS Datasheet HTML 16Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
EL2126
FN7046 Rev 4.00
Page 12 of 19
May 2, 2007
FIGURE 41. NEGATIVE OUTPUT SWING vs TEMPERATURE
FIGURE 42. SLEW RATE vs TEMPERATURE
FIGURE 43. SLEW RATE vs TEMPERATURE
FIGURE 44. POSITIVE LOADED OUTPUT SWING vs
TEMPERATURE
FIGURE 45. POSITIVE LOADED OUTPUT SWING vs
TEMPERATURE
FIGURE 46. NEGATIVE LOADED OUTPUT SWING vs
TEMPERATURE
Typical Performance Curves (Continued)
-13.76
-13.78
-13.8
-13.82
-50
0
100
150
50
DIE TEMPERATURE (°C)
VS = ±15V
-50
0
100
150
50
DIE TEMPERATURE (°C)
102
100
96
92
88
98
94
90
VS = ±5V
155
150
140
135
-50
0
100
150
50
DIE TEMPERATURE (°C)
VO = 2VPP
VS = ±15V
145
3.52
3.5
3.46
3.44
-50
0
100
150
50
DIE TEMPERATURE (°C)
VS = ±5V
3.48
11.8
11.6
11.2
10.8
10.6
-50
0
100
150
50
DIE TEMPERATURE (°C)
VS = ±15V
11.4
11
-3.35
-3.4
-3.45
-3.6
-3.5
3.55
-50
0
100
150
50
DIE TEMPERATURE (°C)
VS = ±5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com