Electronic Components Datasheet Search
  English  ▼

X  

EL2250CSZ Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # EL2250CSZ
Description  125MHz Single Supply Dual/Quad Op Amps
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

EL2250CSZ Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button EL2250CSZ Datasheet HTML 7Page - Renesas Technology Corp EL2250CSZ Datasheet HTML 8Page - Renesas Technology Corp EL2250CSZ Datasheet HTML 9Page - Renesas Technology Corp EL2250CSZ Datasheet HTML 10Page - Renesas Technology Corp EL2250CSZ Datasheet HTML 11Page - Renesas Technology Corp EL2250CSZ Datasheet HTML 12Page - Renesas Technology Corp EL2250CSZ Datasheet HTML 13Page - Renesas Technology Corp EL2250CSZ Datasheet HTML 14Page - Renesas Technology Corp EL2250CSZ Datasheet HTML 15Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
EL2250, EL2450
FN7061 Rev 3.00
Page 11 of 15
May 19, 2006
The output range of the EL2250/EL2450 is also quite large.
It includes the negative rail, and extends to within 1V of the
top supply rail with a 1k
 load. On a +5V supply, the output
is therefore capable of swinging from 0V to +4V. On split
supplies, the output will swing ±4V. If the load resistor is tied
to the negative rail and split supplies are used, the output
range is extended to the negative rail.
Choice Of Feedback Resistor, RF
The feedback resistor forms a pole with the input
capacitance. As this pole becomes larger, phase margin is
reduced. This increases ringing in the time domain and
peaking in the frequency domain. Therefore, RF has some
maximum value which should not be exceeded for optimum
performance. If a large value of RF must be used, a small
capacitor in the few picofarad range in parallel with RF can
help to reduce this ringing and peaking at the expense of
reducing the bandwidth.
As far as the output stage of the amplifier is concerned,
RF +RG appear in parallel with RL for gains other than +1.
As this combination gets smaller, the bandwidth falls off.
Consequently, RF has a minimum value that should not be
exceeded for optimum performance.
For AV = +1, RF = 0 is optimum. For AV = -1 or +2 (noise
gain of 2), optimum response is obtained with RF between
500
 and 1k. For AV = -4 or +5 (noise gain of 5), keep RF
between 2k
 and 10k.
Video Performance
For good video performance, an amplifier is required to
maintain the same output impedance and the same
frequency response as DC levels are changed at the output.
This can be difficult when driving a standard video load of
150
, because of the change in output current with DC level.
Differential Gain and Differential Phase for the
EL2250/EL2450 are specified with the black level of the
output video signal set to +1.2V. This allows ample room for
the sync pulse even in a gain of +2 configuration. This
results in dG and dP specifications of 0.05% and 0.05° while
driving 150
 at a gain of +2. Setting the black level to other
values, although acceptable, will compromise peak
performance. For example, looking at the single supply dG
and dP curves for RL = 150, if the output black level clamp
is reduced from 1.2V to 0.6V dG/dP will increase from
0.05%/0.05° to 0.08%/0.25° Note that in a gain of +2
configuration, this is the lowest black level allowed such that
the sync tip doesn’t go below 0V.
If your application requires that the output goes to ground,
then the output stage of the EL2250/EL2450, like all other
single supply op amps, requires an external pull down
resistor tied to ground. As mentioned above, the current
flowing through this resistor becomes the DC bias current for
the output stage NPN transistor. As this current approaches
zero, the NPN turns off, and dG and dP will increase. This
becomes more critical as the load resistor is increased in
value. While driving a light load, such as 1k
, if the input
black level is kept above 1.25V, dG and dP are a respectable
0.03% and 0.03°.
For other biasing conditions see the Differential Gain and
Differential Phase vs. Input Voltage curves.
Output Drive Capability
In spite of their moderately low 5mA of supply current, the
EL2250/EL2450 are capable of providing ±100mA of output
current into a 10
 load, or ±60mA into 50. With this large
output current capability, a 50
 load can be driven to ±3V
with VS = ±5V, making it an excellent choice for driving
isolation transformers in telecommunications applications.
Driving Cables and Capacitive Loads
When used as a cable driver, double termination is always
recommended for reflection-free performance. For those
applications, the back-termination series resistor will de-
couple the EL2250/EL2450 from the cable and allow
extensive capacitive drive. However, other applications may
have high capacitive loads without a back-termination
resistor. In these applications, a small series resistor (usually
between 5
 and 50) can be placed in series with the
output to eliminate most peaking. The gain resistor (RG) can
then be chosen to make up for any gain loss which may be
created by this additional resistor at the output.
Video Sync Pulse Remover Application
All CMOS Analog to Digital Converters (A/Ds) have a
parasitic latch-up problem when subjected to negative input
voltage levels. Since the sync tip contains no useful video
information and it is a negative going pulse, we can chop it
off.
Figure 1 shows a unity gain connected amplifier A of an
EL2250. Figure 2 shows the complete input video signal
applied at the input, as well as the output signal with the
negative going sync pulse removed.
FIGURE 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com