Electronic Components Datasheet Search
  English  ▼

X  

EL4093CS Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # EL4093CS
Description  300MHz DC-Restored Video Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

EL4093CS Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button EL4093CS Datasheet HTML 4Page - Renesas Technology Corp EL4093CS Datasheet HTML 5Page - Renesas Technology Corp EL4093CS Datasheet HTML 6Page - Renesas Technology Corp EL4093CS Datasheet HTML 7Page - Renesas Technology Corp EL4093CS Datasheet HTML 8Page - Renesas Technology Corp EL4093CS Datasheet HTML 9Page - Renesas Technology Corp EL4093CS Datasheet HTML 10Page - Renesas Technology Corp EL4093CS Datasheet HTML 11Page - Renesas Technology Corp EL4093CS Datasheet HTML 12Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
EL4093
FN7159 Rev 0.00
Page 11 of 12
January 1996
A natural question arises as to whether there are other CHOLD
values that can be used. In one direction, increasing CHOLD
will further reduce the droop and hold step, but lengthen the
acquisition time. Since the droop and hold step are already
small to begin with, there is no apparent advantage to
increasing CHOLD.
In the other direction, decreasing CHOLD would increase the
droop and hold step but shorten the acquisition time. There is,
however, a caveat to reducing CHOLD: too small a CHOLD
would cause the autozero loop to oscillate. The reason is that
when the S/H boost circuit turns on, the input stage gm
increases drastically and the circuit becomes nonlinear. A
sufficiently large CHOLD must be used to suppress the non-
linearity and force the loop to settle. For example, it has been
found that a CHOLD of 470pF results in 1VP-P oscillation
around 10MHz at the CFA output.
The minimum recommended value for CHOLD is 2.2nF. With
this value the loop remains stable over the entire operating
temperature range (-40°C to +85°C). The greatest instability
occurs at low temperatures, where we observe from the
performance curves that the S/H gm’s, and hence the GBWP,
are at their maximum. If the operating range is restricted to
room temperature or above, then 1.5nF is sufficient to keep the
loop stable. At this value of CHOLD the acquisition time
reduces to about 1.5µs.
Video Performance and Application
Although the EL4093 is intended for high speed video
applications such as SVGA, it also offers excellent
performance for NTSC, with 0.04% dG and 0.02° dP at
3.58MHz. Some application considerations, however, are
required for handling NTSC signals.
Referring back to Figure 2, recall that typically, the autozero
interval lies in the back porch portion of video containing the
colorburst pulse. When the S/H compares the video to the
reference voltage during this period, the colorburst
(40 IREP-P) triggers the S/H boost circuit and prevents the
autozero loop from settling.
A remedy for this situation is to attenuate the colorburst before
applying it to the S/H input. Figure 6 below shows a 3.58MHz
chroma trap which would notch out the colorburst while
preserving the video DC level.
One may be tempted to use a RC lowpass filter to suppress
the colorburst, as shown in Figure 7 below. This technique,
however, poses several problems. First, to obtain enough
attenuation, we need to set the pole frequency 10 to 20 times
lower than 3.58MHz. This pole, being close to the auto zero
loop pole, would destabilize the system and cause the loop to
oscillate.
Although we can cancel this pole by introducing a zero, the RC
network introduces a time delay between the CFA output and
the S/H input. This has undesirable effects in some NTSC
applications, as Figure 8 illustrates. There is only 0.6µs from
the rising edge of sync to the colorburst. If we are autozeroing
over the back porch, the autozero period would begin
somewhere in this 0.6µs interval. Since the edge of sync is
now delayed by the RC network, autozero begins before the
video back porch reaches its final value. Consequently, the
autozero loop performs a correction on every line and never
settles.
FIGURE 5. AUTOZERO MECHANISM RESTORES
AMPLIFIER OUTPUT TO GROUND
AFTER +1V STEP AT INPUT
FIGURE 6. COLORBURST TRAP FOR NTSC
APPLICATIONS
FIGURE 7. CAUTION: LOWPASS FILTER DOES
NOT WORK IN NTSC APPLICATIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com