Electronic Components Datasheet Search
  English  ▼

X  

FDMF3170 Datasheet(PDF) 10 Page - ON Semiconductor

Part # FDMF3170
Description  Smart Power Stage (SPS) Modules
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FDMF3170 Datasheet(HTML) 10 Page - ON Semiconductor

Back Button FDMF3170 Datasheet HTML 6Page - ON Semiconductor FDMF3170 Datasheet HTML 7Page - ON Semiconductor FDMF3170 Datasheet HTML 8Page - ON Semiconductor FDMF3170 Datasheet HTML 9Page - ON Semiconductor FDMF3170 Datasheet HTML 10Page - ON Semiconductor FDMF3170 Datasheet HTML 11Page - ON Semiconductor FDMF3170 Datasheet HTML 12Page - ON Semiconductor FDMF3170 Datasheet HTML 13Page - ON Semiconductor FDMF3170 Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
© 2016 Semiconductor Components Industries, LLC
www.onsemi.com
FDMF3170
Rev. 1.2
10
Typical Performance Characteristics (Continued)
Test Conditions: VIN=12 V, VCC=PVCC=5 V, VOUT=1.8 V, LOUT=150 nH, TA= +25°C and natural convection cooling
unless otherwise noted.
Figure 10.
Driver Current vs. Driver Voltage
Figure 11.
Driver Current vs. Output Current
Figure 12.
UVLO Threshold vs. Temperature
Figure 13.
PWM Threshold vs. Driver Voltage
Figure 14.
PWM Threshold vs. Temperature
Figure 15.
Quiescent Current vs. VCC Voltage
24.000
25.000
26.000
27.000
28.000
29.000
30.000
31.000
32.000
4.5
4.7
4.9
5.1
5.3
5.5
Driver Voltage [V]
Driver Current
27.500
28.000
28.500
29.000
29.500
30.000
30.500
0
10
20
30
40
50
60
Output Current [A]
Driver Current
3.64
3.66
3.68
3.7
3.72
3.74
3.76
3.78
3.8
-40
-20
0
20
40
60
80
Temperature [C]
UVLO Threshold vs. Temperature
UVLO_UP
UVLO_DOWN
0
0.5
1
1.5
2
2.5
3
4.5
4.7
4.9
5.1
5.3
5.5
Driver Supply Voltage [V]
PWM Threshold vs. Driver Voltage
VIL_PWM (V)
VTri_Low (V)
VIH_PWM (V)
VTri_High (V)
0
0.5
1
1.5
2
2.5
3
-40
-20
0
20
40
60
80
Temperature [C]
PWM Threshold vs. Temperature
VIL_PWM (V)
VTri_Low (V)
VHI_PWM (V)
VTri_High (V)
5.5500
5.6000
5.6500
5.7000
5.7500
5.8000
5.8500
4.5
4.7
4.9
5.1
5.3
5.5
Vcc Voltage [V]
Quiescent Current
VIN=12 V, Fs =500 kHz, VOUT=1.8 V, IOUT=0 A
VIN=12 V, PVcc & VCC=5 V, VOUT=1.8 V, Fs =500 kHz
EN =5 V
PVcc , Vcc,& EN =5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com