Electronic Components Datasheet Search
  English  ▼

X  

EL4585 Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # EL4585
Description  Horizontal Genlock, 8FSC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

EL4585 Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button EL4585 Datasheet HTML 7Page - Renesas Technology Corp EL4585 Datasheet HTML 8Page - Renesas Technology Corp EL4585 Datasheet HTML 9Page - Renesas Technology Corp EL4585 Datasheet HTML 10Page - Renesas Technology Corp EL4585 Datasheet HTML 11Page - Renesas Technology Corp EL4585 Datasheet HTML 12Page - Renesas Technology Corp EL4585 Datasheet HTML 13Page - Renesas Technology Corp EL4585 Datasheet HTML 14Page - Renesas Technology Corp EL4585 Datasheet HTML 15Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
EL4585
FN7175 Rev 4.00
Page 11 of 15
September 3, 2009
.
PCB Layout Considerations
It is highly recommended that power and ground planes be
used in layout. The oscillator and filter sections constitute a
feedback loop and thus care must be taken to avoid any
feedback signal influencing the oscillator except at the
control input. The entire oscillator/filter section should be
surrounded by copper ground to prevent unwanted
influences from nearby signals. Use separate paths for
analog and digital supplies, keeping the analog (oscillator
section) as short and free from spurious signals as possible.
Careful attention must be paid to correct bypassing. Keep
lead lengths short and place bypass caps as close to the
supply pins as possible. If laying out a PCB to use discrete
components for the VCO section, care must be taken to
avoid parasitic capacitance at the OSC pins 3 and 5, and
FILTER out (pin 7). Remove ground and power plane copper
above and below these traces to avoid making a capacitive
connection to them. It is also recommended to enclose the
oscillator section within a shielded cage to reduce external
influences on the VCO, as they tend to be very sensitive to
“hand waving” influences, the LC variety being more
sensitive than crystal controlled oscillators. In general, the
higher the operating frequency, the more important these
considerations are. Self contained VCXO or VCO modules
are already mounted in a shielding cage and therefore do
not require as much consideration in layout. Many crystal
manufacturers publish informative literature regarding use
and layout of oscillators which should be helpful.
LC LOOP FILTER COMPONENTS (APPROXIMATE)
FREQUENCY
(MHz)
R2
(k
)
R3
(k
)
C3
(µF)
C4
(µF)
26.602
100
39
0.01
0.001
27.0
100
39
0.01
0.001
29.5
100
43
0.01
0.001
35.468
100
51
0.01
0.001
21.476
100
30
0.01
0.001
24.546
100
36
0.01
0.001
28.636
100
43
0.01
0.001
FIGURE 12. TYPICAL LOOP FILTER
XTAL LOOP FILTER COMPONENTS (APPROXIMATE)
FREQUENCY
(MHz)
R2
(k
)
R3
(M
)
C3
(pF)
C4
(pF)
26.602
100
4.3
68
6.8
27.0
100
4.3
68
6.8
29.5
100
4.3
68
6.8
35.468
100
4.3
68
6.8
21.476
100
4.3
68
6.8
24.546
100
4.3
68
6.8
28.636
100
4.3
68
6.8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com