Electronic Components Datasheet Search
  English  ▼

X  

ASDX015D44R Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # ASDX015D44R
Description  0 TO 1 PSI THROUGH 0 TO 100 PSI PRESSURE TRANSDUCERS SenSym ICT
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ASDX015D44R Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  ASDX015D44R Datasheet HTML 1Page - List of Unclassifed Manufacturers ASDX015D44R Datasheet HTML 2Page - List of Unclassifed Manufacturers ASDX015D44R Datasheet HTML 3Page - List of Unclassifed Manufacturers ASDX015D44R Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
ASDX Series
SPECIFICATION
NOTES
Note 1: Reference Conditions
(unless otherwise noted):
Supply voltage, VS=5.0 ±
0.01 Vdc; Ta=25°C.
Output is ratiometric
within the supply voltage
range (Vs).
Note 2: Span is the algebraic
difference between the
output voltage at the
specified pressure and
the output at zero
pressure. Span is
ratiometric to the supply
voltage.
Note 3: Accuracy is the combined
errors from offset and
span calibration, linearity,
pressure hysteresis, and
temperature effects.
Linearity is the measured
deviation based on a
straight line.
Hysteresis is the
maximum output
difference at any point
within the operating
pressure range for
increasing and decreasing
pressure.
Calibration errors include
the deviation of offset
and full scale from
nominal values.
Note 4: Response time for a 0 psi
to full scale pressure step
change, 10% to 90% rise
time.
Note 5: If maximum burst
pressure is exceeded,
even momentarily, the
package may leak or
burst, or the pressure
sensing die may fracture.
Note 6: The smallest change in
the output voltage, given
any change in pressure.
Note 7: Capacitor 220nF required
between +Vs and GND
pin.
Note 8: Pins 4, 5, 6, 7 and 8 are
internal device
connections and should
not be connected to
external circuitry or
ground.
PRESSURE RANGE SPECIFICATIONS
PERFORMANCE CHARACTERISTICS
(1)
PRESSURE TRANSDUCER
PERFORMANCE CHARACTERISTICS
0
0.5
1
1.5
-40.0
-20.0
0.0
20.0
40.0
60.0
80.0
100.0
120.0
Temperature (°C)
Error Band Multiplier Over -20°C to +105°C
SenSym
Pressure
Burst
Part No.
Range
Pressure
(5)
Sensitivity
ASDX001
0 –
1 PSI
20 PSI
4.00
V/PSI
ASDX005
0 –
5 PSI
20 PSI
0.80
V/PSI
ASDX015
0 – 15 PSI
30 PSI
0.267 V/PSI
ASDX030
0 – 30 PSI
60 PSI
0.133 V/PSI
ASDX100
0 – 100 PSI
150 PSI
0.040 V/PSI
Characteristic
Symbol Min
Typ
Max
Units
Zero Pressure Offset
Voff
0.420
0.500
0.580
V
Full Scale Span
(2)
Vfss
4.00
V
Output at FS Pressure
Vfso
4.420
4.500
4.580
V
Accuracy
(3)
–––
±2.0
%Vfss
Response Time
(4)
–8
–
ms
Quantization Step
(6)
–3
–
mV



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com