Electronic Components Datasheet Search
  English  ▼

X  

RMS-2H Datasheet(PDF) 1 Page - Mini-Circuits

Part # RMS-2H
Description  Frequency Mixer
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

RMS-2H Datasheet(HTML) 1 Page - Mini-Circuits

  RMS-2H Datasheet HTML 1Page - Mini-Circuits RMS-2H Datasheet HTML 2Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Page 1 of 2
Level 17 (LO Power +17 dBm) 5 to 1000 MHz
Frequency Mixer
Surface Mount
Demo Board MCL P/N: TB-03
Suggested PCB Layout (PL-052)
Outline Dimensions (
)
inch
mm
Maximum Ratings
Pin Connections
LO
1
RF
4
IF
5
GROUND
2,3,6
Outline Drawing
Electrical Specifications
REV. D
M151107
RMS-2H+
150924
FREQUENCY
(MHz)
CONVERSION LOSS
(dB)
LO-RF ISOLATION
(dB)
LO-IF ISOLATION
(dB)
IP3
at center
band
(dBm)
LO/RF
IF
f
L-fU
—
X
σ
Max.
Total
Range
Max.
L
M
U
L
M
U
Typ.
Typ. Min. Typ. Min. Typ. Min. Typ. Min. Typ. Min. Typ. Min.
5-1000
DC-900 6.98 .054
8.5
9.3
55
40
39
22
33
20
52
30
45
22
30
17
23
Frequency
(MHz)
Conversion
Loss
(dB)
Isolation
L-R
(dB)
Isolation
L-I
(dB)
VSWR
RF Port
(:1)
VSWR
LO Port
(:1)
RF
LO
LO
+17dBm
LO
+17dBm
LO
+17dBm
LO
+17dBm
LO
+17dBm
Typical Performance Data
RMS-2H+
Operating Temperature
-40°C to 85°C
Storage Temperature
-55°C to 100°C
RF Power
200mW
IF Current
40mA
Features
• excellent L-R isolation, 40 dB typ.
• conversion loss, 6.98 dB typ.
• small size, 0.25”x0.31”x0.2”
Applications
• UHF
• cellular/ISM/GSM
1 dB COMP.: +14 dBm typ.
For phase detection, DC output positive with in-phase RF & LO.
Electrical Schematic
L = low range [f
L to 10 fL]
M = mid range [10 f
L to fU/2]
U = upper range [f
U/2 to fU]
m= mid band [2f
L to fU/2]
5.00
35.00
7.85
66.33
72.89
1.54
1.95
10.00
40.00
7.64
63.63
68.70
1.49
1.85
20.00
50.00
7.69
58.93
63.79
1.47
1.79
50.00
80.00
7.55
52.00
56.89
1.45
1.91
95.45
65.45
7.54
46.41
50.84
1.44
1.79
100.00
70.00
7.53
46.04
50.67
1.43
1.79
185.91
155.91
7.51
40.70
46.79
1.43
1.69
200.00
170.00
7.37
40.02
46.99
1.42
1.68
276.36
246.36
7.35
37.35
44.46
1.40
1.56
366.82
336.82
7.22
35.28
42.69
1.34
1.47
457.27
427.27
7.11
33.66
39.45
1.25
1.36
487.42
457.42
7.17
33.17
37.61
1.24
1.34
500.00
470.00
7.07
33.04
37.36
1.21
1.34
547.73
517.73
7.11
32.95
35.68
1.11
1.28
638.18
608.18
7.46
32.78
31.60
1.06
1.29
728.64
698.64
7.45
31.90
30.61
1.27
1.46
819.09
789.09
7.76
30.74
28.78
1.54
1.81
909.55
879.55
8.24
29.67
27.10
1.90
2.21
969.85
939.85
8.54
29.46
25.48
2.06
2.34
1000.00
970.00
8.75
29.31
24.84
2.10
2.40
A
B
C
D
E
F
.250
.31
.20
.100
.050
.055
6.35
7.87
5.08
2.54
1.27
1.40
G
H
J
K
wt
.040
.070
.270
.050
grams
1.02
1.78
6.86
1.27
0.50
Permanent damage may occur if any of these limits are exceeded.
CASE STYLE: TT240
+RoHS Compliant
The +Suffix identifies RoHS Compliance. See our web site
for RoHS Compliance methodologies and qualifications


Similar Part No. - RMS-2H

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
RMS-2 MINI-RMS-2 Datasheet
322Kb / 2P
Frequency Mixer
RMS-2+ MINI-RMS-2+ Datasheet
322Kb / 2P
Frequency Mixer
RMS-25MH MINI-RMS-25MH Datasheet
337Kb / 2P
Frequency Mixer
RMS-25MH+ MINI-RMS-25MH+ Datasheet
337Kb / 2P
Frequency Mixer
RMS-25MHW MINI-RMS-25MHW Datasheet
58Kb / 3P
Frequency Mixer
REV. X2
More results

Similar Description - RMS-2H

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
ADE-10MH MINI-ADE-10MH Datasheet
47Kb / 1P
Frequency Mixer
HJK-20VH MINI-HJK-20VH Datasheet
193Kb / 2P
Frequency Mixer
ADE-1 MINI-ADE-1 Datasheet
231Kb / 2P
Frequency Mixer
MBA-9 MINI-MBA-9 Datasheet
60Kb / 1P
Frequency Mixer
ADE-92 MINI-ADE-92 Datasheet
608Kb / 3P
Frequency Mixer
ADE-92MH MINI-ADE-92MH Datasheet
465Kb / 3P
Frequency Mixer
VAY-1 MINI-VAY-1 Datasheet
213Kb / 2P
Frequency Mixer
ZAD-11H MINI-ZAD-11H Datasheet
288Kb / 2P
Frequency Mixer
ZFM-3H MINI-ZFM-3H Datasheet
261Kb / 2P
Frequency Mixer
ZFM-4 MINI-ZFM-4 Datasheet
264Kb / 2P
Frequency Mixer
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com