Electronic Components Datasheet Search
  English  ▼

X  

EL5131 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # EL5131
Description  300MHz Low Noise Amplifiers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

EL5131 Datasheet(HTML) 2 Page - Renesas Technology Corp

  EL5131 Datasheet HTML 1Page - Renesas Technology Corp EL5131 Datasheet HTML 2Page - Renesas Technology Corp EL5131 Datasheet HTML 3Page - Renesas Technology Corp EL5131 Datasheet HTML 4Page - Renesas Technology Corp EL5131 Datasheet HTML 5Page - Renesas Technology Corp EL5131 Datasheet HTML 6Page - Renesas Technology Corp EL5131 Datasheet HTML 7Page - Renesas Technology Corp EL5131 Datasheet HTML 8Page - Renesas Technology Corp EL5131 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
EL5130, EL5131
FN7381 Rev 5.00
Page 2 of 12
May 28, 2010
Absolute Maximum Ratings (TA = +25°C)
Thermal Information
Slewrate between VS+ and VS-. . . . . . . . . . . . . . . . . . . . . . . . 1V/µs
Supply Voltage from VS+ to VS- . . . . . . . . . . . . . . . . . . . . . . . 13.2V
IIN-, IIN+, CE . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ±5mA
Continuous Output Current . . . . . . . . . . . . . . . . . . . . . . . . . . 100mA
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . .-65°C to +125°C
Ambient Operating Temperature . . . . . . . . . . . . . . . .-40°C to +85°C
Operating Junction Temperature . . . . . . . . . . . . . . . . . . . . . . +125°C
Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . See Curves
Pb-free reflow profile . . . . . . . . . . . . . . . . . . . . . . . . . .see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
IMPORTANT NOTE: All parameters having Min/Max specifications are guaranteed. Typical values are for information purposes only. Unless otherwise noted, all tests
are at the specified temperature and are pulsed tests, therefore: TJ = TC = TA
Electrical Specifications
VS+ = +5V, VS- = -5V, RL = 500, RG = 50, CL = 5pF, TA = +25°C, Unless Otherwise Specified.
PARAMETER
DESCRIPTION
CONDITIONS
MIN
TYP
MAX
UNIT
VOS
Offset Voltage
-0.9
0.2
0.9
mV
TCVOS
Offset Voltage Temperature Coefficient
Measured from TMIN to TMAX
0.8
µV/°C
IB
Input Bias Current
VIN = 0V
1.5
2.27
3.3
µA
IOS
Input Offset Current
VIN = 0V
-500
100
500
nA
TCIOS
Input Bias Current Temperature
Coefficient
Measured from TMIN to TMAX
-3
nA/°C
PSRR
Power Supply Rejection Ratio
VS = ±4.75V to ±5.25V
75
90
dB
CMRR
Common Mode Rejection Ratio
VIN = ±3.0V
95
110
dB
CMIR
Common Mode Input Range
Guaranteed by CMRR test
±3
±3.3
V
RIN
Input Resistance
Common mode
5
20
M
CIN
Input Capacitance
1pF
IS
Supply Current
3.0
3.54
4.1
mA
AVOL
Open Loop Gain
VOUT = ±2.5V, RL = 1k to GND
10
16
kV/V
VO
Output Voltage Swing
RL = 1k, RF = 900, RG = 100
±3.5
±3.8
V
RL = 150
±3.5
±3.3
V
ISC
Short Circuit Current
RL = 10
50
100
mA
BW
-3dB Bandwidth
AV = +5, RL = 500
300
MHz
BW
±0.1dB Bandwidth
AV = +5, RL = 500
60
MHz
GBWP
Gain Bandwidth Product
1500
MHz
PM
Phase Margin
RL = 1k, CL = 6pF
55
°
SR
Slew Rate
VS = ±5V, RL = 150, VOUT = ±2.5V
225
350
V/µs
tR, tF
Rise Time, Fall Time
±0.1VSTEP
TBD
ns
tPD
Propagation Delay
±0.1VSTEP
TBD
ns
tS
0.01% Settling Time
14
ns
dG
Differential Gain
AV = +2, RF = 1k
0.01
%
dP
Differential Phase
AV = +2, RF = 1k
0.01
°
eN
Input Noise Voltage
f = 10kHz
1.8
nV/
Hz
iN
Input Noise Current
f = 10kHz
1.1
pA/
Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com