Electronic Components Datasheet Search
  English  ▼

X  

EL5129IREZ Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # EL5129IREZ
Description  Multi-Channel Buffers
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

EL5129IREZ Datasheet(HTML) 3 Page - Renesas Technology Corp

  EL5129IREZ Datasheet HTML 1Page - Renesas Technology Corp EL5129IREZ Datasheet HTML 2Page - Renesas Technology Corp EL5129IREZ Datasheet HTML 3Page - Renesas Technology Corp EL5129IREZ Datasheet HTML 4Page - Renesas Technology Corp EL5129IREZ Datasheet HTML 5Page - Renesas Technology Corp EL5129IREZ Datasheet HTML 6Page - Renesas Technology Corp EL5129IREZ Datasheet HTML 7Page - Renesas Technology Corp EL5129IREZ Datasheet HTML 8Page - Renesas Technology Corp EL5129IREZ Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
EL5129, EL5329
FN7430 Rev 1.00
Page 3 of 13
May 13, 2005
NOTE: All parameters having Min/Max specifications are guaranteed. Typ values are for information purposes only. Unless otherwise noted, all tests
are at the specified temperature and are pulsed tests, therefore: TJ = TC = TA
Absolute Maximum Ratings (TA = 25°C)
Supply Voltage between VS+ and VS-. . . . . . . . . . . . . . . . . . . .+18V
Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . VS- -0.5V, VS+ +0.5V
Maximum Continuous Output Current (VOUT0-9) . . . . . . . . . . 15mA
Maximum Continuous Output Current (VOUTA). . . . . . . . . . . 100mA
Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . See Curves
Maximum Die Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . +125°C
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . .-65°C to +150°C
Ambient Operating Temperature . . . . . . . . . . . . . . . .-40°C to +85°C
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
Electrical Specifications
VS+ = +15V, VS- = 0, RL = 10k, CL = 10pF to 0V, TA = 25°C unless otherwise specified
PARAMETER
DESCRIPTION
CONDITIONS
MIN
TYP
MAX
UNIT
INPUT CHARACTERISTICS (REFERENCE BUFFERS)
VOS
Input Offset Voltage
VCM = 0V
2
20
mV
TCVOS
Average Offset Voltage Drift
(Note 1)
5
µV/
C
IB
Input Bias Current
VCM = 0V
2
50
nA
RIN
Input Impedance
10
M
CIN
Input Capacitance
1.35
pF
AV
Voltage Gain
1V
VOUT 14V
0.992
1.008
V/V
CMIR
Input Voltage Range
EL5129, IN1 to IN3
1.5
VS+V
EL5329, IN1 to IN5
1.5
VS+V
EL5129, IN4 to IN6
0
VS+
-1.5
V
EL5329, IN6 to IN10
0
VS+
-1.5
V
INPUT CHARACTERISTICS (VCOM BUFFER)
VOS
Input Offset Voltage
VCM = 7.5V
1
20
mV
TCVOS
Average Offset Voltage Drift
(Note 1)
3
µV/
C
IB
Input Bias Current
VCM = 7.5V
2
50
nA
RIN
Input Impedance
10
M
CIN
Input Capacitance
1.35
pF
VREG
Load Regulation
VCOM = 7.5V, -60mA < IL < 60mA
-20
+20
mV
CMIRCOM
Input Voltage Range VCOM
0VS+V
OUTPUT CHARACTERISTICS (REFERENCE BUFFERS)
VOH
High Output Voltage - EL5129 & EL5329
(Output 1)
VIN = 15V, IO = 5mA
14.85
14.9
V
High Output Voltage - EL5129 (Output 2, 3),
EL5329 (Output 2-5)
14.8
14.85
V
High Output Voltage - EL5129 (Output 4-6),
EL5329 (Output 6-10)
VIN = 13.5V, IO = 5mA
13.45
13.5
V
VOL
Low Output Voltage - EL5129 (Output 1-3),
EL5329 (Output 1-5)
VIN = 1.5V, IO = 5mA
1.5
1.55
V
Low Output Voltage - EL5129 (Output 4-5),
EL5329 (Output 6-9)
VIN = 0V, IO = 5mA
150
200
mV
Low Output Voltage - EL5129 (Output 6),
EL5329 (Output 10)
100
150
mV
ISC
Short Circuit Current
100
120
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com