Electronic Components Datasheet Search
  English  ▼

X  

EL5152 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # EL5152
Description  270MHz Ultra-Accurate Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

EL5152 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button EL5152 Datasheet HTML 8Page - Renesas Technology Corp EL5152 Datasheet HTML 9Page - Renesas Technology Corp EL5152 Datasheet HTML 10Page - Renesas Technology Corp EL5152 Datasheet HTML 11Page - Renesas Technology Corp EL5152 Datasheet HTML 12Page - Renesas Technology Corp EL5152 Datasheet HTML 13Page - Renesas Technology Corp EL5152 Datasheet HTML 14Page - Renesas Technology Corp EL5152 Datasheet HTML 15Page - Renesas Technology Corp EL5152 Datasheet HTML 16Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
EL5152, EL5153, EL5252, EL5455
FN7385 Rev 6.00
Page 13 of 16
March 2, 2009
Strain Gauge
The strain gauge is an ideal application to take advantage of
the moderate bandwidth and high accuracy of the EL5152. The
operation of the circuit is very straight forward. As the strain
variable component resistor in the balanced bridge is
subjected to increasing strain its resistance changes resulting
in an imbalance in the bridge. A voltage variation from the
referenced high accuracy source is generated and translated
to the difference amplifier through the buffer stage. This
voltage difference as a function of the strain is converted into
an output voltage.
+
-
5V
V2
22
R17
1k
1k
RF
5V
V4
RL
1k
VOUT (V1+V2+V3+V4)
1
3
2
V+
V-
4
U1A
22
11
R18
1k
1k
R15
V5
1k
0V
VARIABLE SUBJECT TO STRAIN
R16
1k
R14
4
4
1n
L4
10µH
C6
1n
C3
R5
1k
1k
1n
C12
1n
C11
R11
1k
L1
10µH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com