Electronic Components Datasheet Search
  English  ▼

X  

EL5423CL Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # EL5423CL
Description  12MHz 4-, 8-, 10- and 12-Channel Rail-to-Rail Input-Output Buffers
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

EL5423CL Datasheet(HTML) 2 Page - Renesas Technology Corp

  EL5423CL Datasheet HTML 1Page - Renesas Technology Corp EL5423CL Datasheet HTML 2Page - Renesas Technology Corp EL5423CL Datasheet HTML 3Page - Renesas Technology Corp EL5423CL Datasheet HTML 4Page - Renesas Technology Corp EL5423CL Datasheet HTML 5Page - Renesas Technology Corp EL5423CL Datasheet HTML 6Page - Renesas Technology Corp EL5423CL Datasheet HTML 7Page - Renesas Technology Corp EL5423CL Datasheet HTML 8Page - Renesas Technology Corp EL5423CL Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
EL5123, EL5223, EL5323, EL5423
FN7176 Rev 3.00
Page 2 of 17
August 31, 2010
Pinouts
EL5223, EL5323
(24 LD QFN)
TOP VIEW
EL5123
(10 LD MSOP)
TOP VIEW
EL5223
(20 LD TSSOP)
TOP VIEW
EL5423
(32 LD QFN)
TOP VIEW
EL5423
(28 LD TSSOP)
TOP VIEW
EL5323
(24 LD TSSOP)
TOP VIEW
* NOT AVAILABLE IN EL5223
VIN3
VIN4
VIN5
VS+
VIN6
VIN7
VIN8
VOUT3
VOUT4
VOUT5
VS-
VOUT6
VOUT7
VOUT8
19
18
17
16
15
14
13
1
2
3
4
5
6
7
THERMAL
PAD**
* *THERMAL PAD CONNECTS TO VS-
VOUT1
VOUT2
VS-
VOUT3
VOUT4
VIN1
VIN2
VS+
VIN3
VIN4
1
2
3
4
10
9
8
7
5
6
1
2
3
4
16
15
14
13
5
6
7
12
11
9
8
10
20
19
18
17
VIN1
VIN2
VIN3
VIN4
VS+
VIN5
VIN6
VIN7
VIN8
VOUT1
VOUT2
VOUT3
VOUT4
VS-
VS-
VOUT5
VOUT6
VOUT7
VOUT8
VS+
THERMAL
PAD**
25
24
23
22
21
20
19
1
2
3
4
5
6
7
VIN3
VIN4
VIN5
VIN6
VS+
VIN7
VIN8
VOUT3
VOUT4
VOUT5
VOUT6
VS-
VOUT7
VOUT8
8
9
18
17
VOUT9
VOUT10
VIN9
VIN10
* *THERMAL PAD CONNECTS TO VS-
1
2
3
4
28
27
26
25
5
6
7
24
23
22
8
21
9
10
20
19
11
12
13
18
17
16
14
15
VIN1
VIN2
VIN3
VIN4
VIN5
VIN6
VS+
VS+
VIN7
VIN8
VIN9
VIN10
VOUT1
VOUT2
VOUT3
VOUT4
VOUT5
VOUT6
VS-
VS-
VOUT7
VOUT8
VOUT9
VOUT10
VIN11
VIN12
VOUT11
VOUT12
1
2
3
4
16
15
14
13
5
6
7
12
11
9
8
10
20
19
18
17
24
23
22
21
VIN1
VIN2
VIN3
VIN4
VIN5
VS+
VS+
VIN6
VIN7
VIN8
VIN9
VIN10
VOUT1
VOUT2
VOUT3
VOUT4
VOUT5
VS-
VS-
VOUT6
VOUT7
VOUT8
VOUT9
VOUT10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com