Electronic Components Datasheet Search
  English  ▼

X  

EL5170 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # EL5170
Description  100MHz Differential Twisted-Pair Drivers
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

EL5170 Datasheet(HTML) 2 Page - Renesas Technology Corp

  EL5170 Datasheet HTML 1Page - Renesas Technology Corp EL5170 Datasheet HTML 2Page - Renesas Technology Corp EL5170 Datasheet HTML 3Page - Renesas Technology Corp EL5170 Datasheet HTML 4Page - Renesas Technology Corp EL5170 Datasheet HTML 5Page - Renesas Technology Corp EL5170 Datasheet HTML 6Page - Renesas Technology Corp EL5170 Datasheet HTML 7Page - Renesas Technology Corp EL5170 Datasheet HTML 8Page - Renesas Technology Corp EL5170 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
EL5170, EL5370
FN7309 Rev 10.00
Page 2 of 14
August 14, 2015
Pin Descriptions
EL5170
EL5370
PIN NAME
PIN FUNCTION
1
IN+
Non-inverting input
21
EN
Enable
3IN-
Inverting input
4
REF
Reference input, sets common-mode output voltage
5
OUT-
Inverting output
6
VS+
Positive supply
7VS-
Negative supply
8
OUT+
Non-inverting output
2, 6, 10
INP1, INP2, INP3
Non-inverting inputs
3, 7, 11
INN1, INN2, INN3
Inverting inputs
4, 8, 12
REF1, REF2, REF3
Reference input, sets common-mode output voltage
14, 17, 23
OUT3B, OUT2B, OUT1B
Inverting outputs
21
VSP
Positive supply
20
VSN
Negative supply
15,
18, 24
OUT3, OUT2, OUT1
Non-inverting outputs
5, 9, 13, 16, 19, 22
NC
No connects; grounded for best crosstalk performance
Ordering Information
PART NUMBER
(Notes 1, 2, 3)
PART
MARKING
TEMP. RANGE
(°C)
PACKAGE
(RoHS Compliant)
PKG.
DWG. #
EL5170ISZ
5170ISZ
5170ISZ
8 Ld SOIC (150 mil)
M8.15E
EL5170IYZ
BAAVA
BAAVA
8 Ld MSOP (3.0mm)
M8.118A
EL5370IUZ (No longer available
or supported)
EL5370IUZ
EL5370IUZ
24 Ld QSOP (150 mil)
MDP0040
NOTES:
1. Add “-T*” suffix for tape and reel. Please refer to TB347 for details on reel specifications.
2. These Intersil Pb-free plastic packaged products employ special Pb-free material sets, molding compounds/die attach materials, and 100% matte
tin plate plus anneal (e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations). Intersil
Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
3. For Moisture Sensitivity Level (MSL), please see device information page for EL5170, EL5370. For more information on MSL please see tech brief
TB363.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com