Electronic Components Datasheet Search
  English  ▼

X  

C16118 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # C16118
Description  Oval beam for high bay aisles
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

C16118 Datasheet(HTML) 1 Page - Ledil, Inc.

  C16118 Datasheet HTML 1Page - Ledil, Inc. C16118 Datasheet HTML 2Page - Ledil, Inc. C16118 Datasheet HTML 3Page - Ledil, Inc. C16118 Datasheet HTML 4Page - Ledil, Inc. C16118 Datasheet HTML 5Page - Ledil, Inc. C16118 Datasheet HTML 6Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PRODUCT
DATASHEET
C16118_STRADELLA-8-HV-HB-O
STRADELLA-8-HV-HB-O
Oval beam for high bay aisles. Variant with
longer distance between location pins allowing
high voltage circuit designs.
TECHNICAL SPECIFICATIONS:
Dimensions
49.5+49.5 mm
Height
8.2 mm
Fastening
pin, screw
Colour
clear
Box size
476 x 273 x 292 mm
Box weight
6.1 kg
Quantity in Box
800 pcs
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
STRADELLA-8-HV-HB-O
Lens array
PMMA
clear
Last update: 24/05/2018
Subject to change without prior notice
1/6
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.


Similar Part No. - C16118

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
C16119 LEDIL-C16119 Datasheet
2Mb / 5P
Type II/III (long) beam for very wide pole to pole distances.
More results

Similar Description - C16118

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
CP15341 LEDIL-CP15341 Datasheet
4Mb / 4P
Oval beam for wall-washing
C14274 LEDIL-C14274 Datasheet
4Mb / 7P
Asymmetric oval beam for wall washing
C16156 LEDIL-C16156 Datasheet
6Mb / 6P
Oval beam for high bay aisles
C14128 LEDIL-C14128 Datasheet
1Mb / 4P
Oval beam for area lighting
C10949 LEDIL-C10949 Datasheet
1Mb / 7P
Wide oval beam for area lighting
CA13638 LEDIL-CA13638 Datasheet
3Mb / 6P
Asymmetric oval beam for wall-washing
CN13990 LEDIL-CN13990 Datasheet
6Mb / 14P
~60째 high bay beam
CA10950 LEDIL-CA10950 Datasheet
1Mb / 6P
Wide oval beam for area lighting
F14487 LEDIL-F14487 Datasheet
9Mb / 13P
Asymmetric oval beam for wall grazing
F16629 LEDIL-F16629 Datasheet
2Mb / 3P
Sublens for very narrow oval beam
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com