Electronic Components Datasheet Search
  English  ▼

X  

CA14122 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # CA14122
Description  Beam for symmetrical tunnel lighting and parking garages.
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

CA14122 Datasheet(HTML) 1 Page - Ledil, Inc.

  CA14122 Datasheet HTML 1Page - Ledil, Inc. CA14122 Datasheet HTML 2Page - Ledil, Inc. CA14122 Datasheet HTML 3Page - Ledil, Inc. CA14122 Datasheet HTML 4Page - Ledil, Inc. CA14122 Datasheet HTML 5Page - Ledil, Inc. CA14122 Datasheet HTML 6Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PRODUCT
DATASHEET
CA14122_STRADA-SQ-FS2-NP
STRADA-SQ-FS2-NP
Beam
for
symmetrical
tunnel
lighting
and
parking
garages.
Ideal
for
catenary
street
lighting. Assembly with installation tape.
TECHNICAL SPECIFICATIONS:
Dimensions
25x25 mm
Height
8.2 mm
Fastening
tape
Colour
clear
Box size
476 x 273 x 292 mm
Box weight
7.3 kg
Quantity in Box
2058 pcs
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
STRADA-SQ-FS2-NP
Lens
PMMA
clear
ROSE-TAPE
Tape
PU tape
black
Last update: 14/05/2018
Subject to change without prior notice
1/6
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.


Similar Part No. - CA14122

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
CA14120 LEDIL-CA14120 Datasheet
2Mb / 6P
Beam for symmetrical tunnel lighting and parking garages.
CA14129 LEDIL-CA14129 Datasheet
1Mb / 4P
Oval beam for area lighting. Assembly with installation tape.
More results

Similar Description - CA14122

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
GWP7STA2.PM OSRAM-GWP7STA2.PM Datasheet
1Mb / 23P
Street and tunnel lighting
logo
Ledil, Inc.
CA14120 LEDIL-CA14120 Datasheet
2Mb / 6P
Beam for symmetrical tunnel lighting and parking garages.
CA11186 LEDIL-CA11186 Datasheet
2Mb / 4P
Beam for area lighting
F15382 LEDIL-F15382 Datasheet
5Mb / 7P
~105째 105째 batwing light distribution for canopy and symmetrical tunnel lighting.
F16858 LEDIL-F16858 Datasheet
2Mb / 6P
Double asymmetric beam for aisle and shelf lighting
C14119 LEDIL-C14119 Datasheet
1Mb / 5P
Beam for symmetrical tunnel lighting and parking garages
F14325 LEDIL-F14325 Datasheet
7Mb / 10P
~105째 105째 batwing light distribution for canopy and symmetrical tunnel lighting.
F14531 LEDIL-F14531 Datasheet
12Mb / 15P
~105째 105째 batwing light distribution for canopy and symmetrical tunnel lighting
F15386 LEDIL-F15386 Datasheet
3Mb / 6P
~105째 105째 batwing light distribution for canopy and symmetrical tunnel lighting.
FN13323 LEDIL-FN13323 Datasheet
4Mb / 12P
Type ll and lll beam for street lighting.
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com