Electronic Components Datasheet Search
  English  ▼

X  

CA14323 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # CA14323
Description  IESNA Type ll (medium) beam, applicable for European P-class standard pedestrian lighting and M-class roads
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

CA14323 Datasheet(HTML) 1 Page - Ledil, Inc.

  CA14323 Datasheet HTML 1Page - Ledil, Inc. CA14323 Datasheet HTML 2Page - Ledil, Inc. CA14323 Datasheet HTML 3Page - Ledil, Inc. CA14323 Datasheet HTML 4Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PRODUCT
DATASHEET
CA14323_STRADA-SQ-T2-NP
STRADA-SQ-T2-NP
IESNA Type ll (medium) beam, applicable for
European P-class standard pedestrian lighting
and M-class roads. Assembly with installation
tape.
TECHNICAL SPECIFICATIONS:
Dimensions
25 x 25 mm
Height
8.7 mm
Fastening
tape
Colour
clear
Box size
480 x 280 x 300 mm
Box weight
8 kg
Quantity in Box
2058 pcs
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
STRADA-SQ-T2-NP
Lens
PMMA
clear
ROSE-TAPE
Tape
PU tape
black
Last update: 29/09/2014
Subject to change without prior notice
1/4
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.


Similar Part No. - CA14323

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
CA14308 LEDIL-CA14308 Datasheet
3Mb / 5P
~16째 diffused spot beam
CA14309 LEDIL-CA14309 Datasheet
3Mb / 5P
~40째 wide beam.
CA14310 LEDIL-CA14310 Datasheet
3Mb / 5P
~55째 wider beam
logo
Cree, Inc
CA14366 CREE-CA14366 Datasheet
976Kb / 15P
Flare series
logo
Ledil, Inc.
CA14366 LEDIL-CA14366 Datasheet
3Mb / 11P
34 x 33 mm lens with ~100째 x 15째 oval beam
More results

Similar Description - CA14323

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
C15967 LEDIL-C15967 Datasheet
4Mb / 5P
IESNA Type II (medium) beam applicable for European P-class standard pedestrian lightingand M-class roads
CS16515 LEDIL-CS16515 Datasheet
2Mb / 4P
IESNA Type II (medium) beam, applicable for European P-class standard pedestrian lighting and M-class roads.
FN16356 LEDIL-FN16356 Datasheet
9Mb / 5P
IESNA Type II (medium) beam, applicable for European P-class standard pedestrian lighting and M-class roads
FN16478 LEDIL-FN16478 Datasheet
7Mb / 4P
IESNA Type II (medium) beam, applicable for European P-class standard pedestrian lighting and M-class roads. White version.
FP15589 LEDIL-FP15589 Datasheet
3Mb / 7P
IESNA Type II (medium) beam applicable for European P-class standard pedestrian lighting and M-class roads
C14502 LEDIL-C14502 Datasheet
2Mb / 5P
IESNA Type II (medium) beam applicable for European P-class standard pedestrian lighting and M-class roads
C15034 LEDIL-C15034 Datasheet
6Mb / 10P
IESNA Type II (medium) beam applicable for European P-class standard pedestrian lighting and M-class roads
C15981 LEDIL-C15981 Datasheet
3Mb / 7P
IESNA Type II (medium) beam, applicable for European P-class standard pedestrian lighting and M-class roads
CP16165 LEDIL-CP16165 Datasheet
3Mb / 5P
IESNA Type II (medium) beam applicable for European P-class standard pedestrian lighting and M-class roads
C14321 LEDIL-C14321 Datasheet
1Mb / 4P
IESNA Type ll (medium) beam, applicable for European P-class standard pedestrian
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com