Electronic Components Datasheet Search
  English  ▼

X  

CA14640 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # CA14640
Description  IESNA Type III (medium) beam for roads that are equal to or wider than mounting height.
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

CA14640 Datasheet(HTML) 1 Page - Ledil, Inc.

  CA14640 Datasheet HTML 1Page - Ledil, Inc. CA14640 Datasheet HTML 2Page - Ledil, Inc. CA14640 Datasheet HTML 3Page - Ledil, Inc. CA14640 Datasheet HTML 4Page - Ledil, Inc. CA14640 Datasheet HTML 5Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PRODUCT
DATASHEET
CA14640_STRADA-SQ-T3-NP
STRADA-SQ-T3-NP
IESNA Type III (medium) beam for roads that are
equal
to
or
wider
than
mounting
height.
Assembly with installation tape.
TECHNICAL SPECIFICATIONS:
Dimensions
25 x 25 mm
Height
8.4 mm
Fastening
tape
Colour
clear
Box size
480 x 280 x 300 mm
Box weight
7.8 kg
Quantity in Box
2058 pcs
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
STRADA-SQ-T3-NP
Lens
PMMA
ROSE-TAPE
Tape
PU tape
black
Last update: 06/06/2018
Subject to change without prior notice
1/5
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.


Similar Part No. - CA14640

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CA14601 CREE-CA14601 Datasheet
1,023Kb / 18P
Veronica series
logo
Ledil, Inc.
CA14601 LEDIL-CA14601 Datasheet
7Mb / 13P
~17째 spot beam
logo
Intelligent LED Solutio...
CA14601_VERONICA-SQ-MINI- ILS-CA14601_VERONICA-SQ-MINI- Datasheet
1Mb / 8P
1 OSLON® Square Uniform White PowerStars CRI90
Version V1
logo
Ledil, Inc.
CA14602 LEDIL-CA14602 Datasheet
1Mb / 21P
Veronica Assembly
logo
Intelligent LED Solutio...
CA14602_VERONICA-SQ-MINI- ILS-CA14602_VERONICA-SQ-MINI- Datasheet
1Mb / 8P
1 OSLON® Square Uniform White PowerStars CRI90
Version V1
More results

Similar Description - CA14640

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
C16503 LEDIL-C16503 Datasheet
3Mb / 5P
IESNA Type III (medium) beam for roads that are equal to or wider than mounting height
FP15752 LEDIL-FP15752 Datasheet
3Mb / 6P
IESNA Type III (medium) beam for roads that are equal to or wider than mounting height.
C14501 LEDIL-C14501 Datasheet
4Mb / 6P
IESNA Type III (medium) beam for roads that are equal to or wider than mounting height
C15982 LEDIL-C15982 Datasheet
2Mb / 7P
IESNA Type III (medium) beam for roads that are equal to or wider than mounting height.
CS16102 LEDIL-CS16102 Datasheet
3Mb / 6P
IESNA Type III (medium) beam for roads that are equal to or wider than mounting height
C14029 LEDIL-C14029 Datasheet
1Mb / 5P
IESNA Type IV beam for wider roads and large outdoor areas
CA13688 LEDIL-CA13688 Datasheet
3Mb / 7P
IESNA Type III (medium) beam for roads that are equal to or wider than mounting height
CS15068 LEDIL-CS15068 Datasheet
4Mb / 6P
IESNA Type III (medium) beam for roads that are equal to or wider than mounting height
CS14143 LEDIL-CS14143 Datasheet
5Mb / 17P
IESNA Type III (medium) beam for roads
FN15180 LEDIL-FN15180 Datasheet
3Mb / 11P
IESNA Type III (medium) beam for roads that are equal
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com