Electronic Components Datasheet Search
  English  ▼

X  

CA16169 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # CA16169
Description  Double asymmetric beam designed to highlight pedestrian crossings for right side traffic.
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

CA16169 Datasheet(HTML) 1 Page - Ledil, Inc.

  CA16169 Datasheet HTML 1Page - Ledil, Inc. CA16169 Datasheet HTML 2Page - Ledil, Inc. CA16169 Datasheet HTML 3Page - Ledil, Inc. CA16169 Datasheet HTML 4Page - Ledil, Inc. CA16169 Datasheet HTML 5Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PRODUCT
DATASHEET
CA16169_STRADA-SQ-PX
STRADA-SQ-PX
Double asymmetric beam designed to highlight
pedestrian
crossings
for
right
side
traffic.
Version with location pins. Assembly with
installation tape.
TECHNICAL SPECIFICATIONS:
Dimensions
25x 25 mm
Height
9.2 mm
Fastening
glue, pin, screw
Colour
clear
Box size
476 x 273 x 292 mm
Box weight
7.7 kg
Quantity in Box
2058 pcs
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
STRADA-SQ-PX
Lens
PMMA
clear
ROSE-TAPE
Tape
PU tape
black
Last update: 11/05/2018
Subject to change without prior notice
1/5
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.


Similar Part No. - CA16169

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
CA16127 LEDIL-CA16127 Datasheet
1Mb / 19P
OLGA Assembly
CA16127 LEDIL-CA16127 Datasheet
6Mb / 9P
~11째 spot beam beam. Assembly with holder and installation tape.
CA16127 LEDIL-CA16127_18 Datasheet
6Mb / 9P
~11째 spot beam beam. Assembly with holder and installation tape.
CA16127_OLGA-S LEDIL-CA16127_OLGA-S Datasheet
1Mb / 19P
OLGA Assembly
CA16128 LEDIL-CA16128 Datasheet
7Mb / 11P
~30째 spot beam beam. Assembly with holder and installation tape.
More results

Similar Description - CA16169

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
C16006 LEDIL-C16006 Datasheet
3Mb / 7P
Asymmetric IESNA Type I (short) beam designed for tilted poles
C16414 LEDIL-C16414 Datasheet
3Mb / 6P
Asymmetric IESNA Type I (short) beam designed for tilted poles.
CS16401 LEDIL-CS16401_18 Datasheet
6Mb / 6P
Double asymmetric beam designed to highlight pedestrian crossings for right side traffic
C14896 LEDIL-C14896 Datasheet
6Mb / 7P
Fully asymmetric beam designed to highlight pedestrian crossings for left side traffic
C16168 LEDIL-C16168 Datasheet
2Mb / 5P
Double asymmetric beam designed to highlight pedestrian crossings for right side traffic.
C16663 LEDIL-C16663 Datasheet
2Mb / 4P
Double asymmetric beam for aisle and shelf lighting
F16858 LEDIL-F16858 Datasheet
2Mb / 6P
Double asymmetric beam for aisle and shelf lighting
FCA13329 LEDIL-FCA13329 Datasheet
4Mb / 8P
Asymmetric beam for billboards.
C16996 LEDIL-C16996 Datasheet
507Kb / 4P
Double asymmetric beam designed to highlight pedestrian crossings
C16045 LEDIL-C16045 Datasheet
2Mb / 5P
Asymmetric IESNA Type I (short) beam designed for tilted poles
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com