Electronic Components Datasheet Search
  English  ▼

X  

CA16249 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # CA16249
Description  Wide IESNA Type IV beam with forward-throw beam for wide area lighting like car parks.
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

CA16249 Datasheet(HTML) 1 Page - Ledil, Inc.

  CA16249 Datasheet HTML 1Page - Ledil, Inc. CA16249 Datasheet HTML 2Page - Ledil, Inc. CA16249 Datasheet HTML 3Page - Ledil, Inc. CA16249 Datasheet HTML 4Page - Ledil, Inc. CA16249 Datasheet HTML 5Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PRODUCT
DATASHEET
CA16249_STRADA-SQ-T4-B
STRADA-SQ-T4-B
Wide IESNA Type IV beam with forward-throw
beam for wide area lighting like car parks.
Assembly with tape.
TECHNICAL SPECIFICATIONS:
Dimensions
25x25 mm
Height
11.9 mm
Fastening
tape, pin
Colour
clear
Box size
480 x 280 x 300 mm
Box weight
10.5 kg
Quantity in Box
2058 pcs
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
STRADA-SQ-T4-B
Lens
PMMA
clear
ROSE-TAPE
Tape
PU tape
black
Last update: 24/05/2018
Subject to change without prior notice
1/5
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.


Similar Part No. - CA16249

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
CA16202 LEDIL-CA16202 Datasheet
2Mb / 26P
Gabriella Assembly
logo
Intelligent LED Solutio...
CA16202_GABRIELLA-MIDI-S ILS-CA16202_GABRIELLA-MIDI-S Datasheet
1Mb / 9P
1 OSLON® Square Large Lens High CRI
Version V3 uly 2019
logo
Ledil, Inc.
CA16203 LEDIL-CA16203 Datasheet
8Mb / 7P
~25째 spot beam with holder and installation tape
CA16204 LEDIL-CA16204 Datasheet
11Mb / 9P
~35째 spot beam with holder and installation tape
CA16205 LEDIL-CA16205 Datasheet
7Mb / 7P
~1240째 oval beam with holder and installation tape
More results

Similar Description - CA16249

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
C16254 LEDIL-C16254 Datasheet
1Mb / 5P
Wide IESNA Type IV beam with forward-throw beam for wide area lighting like car parks.
FP15672 LEDIL-FP15672 Datasheet
4Mb / 6P
Wide IESNA Type lV forward-throw beam for wide area lighting like car parks.
C15917 LEDIL-C15917 Datasheet
3Mb / 5P
Wide IESNA Type IV forward-throw beam for wide area lighting like car parks
C15960 LEDIL-C15960 Datasheet
2Mb / 6P
Wide IESNA Type IV forward-throw beam for wide area lighting like car parks
CS15750 LEDIL-CS15750 Datasheet
4Mb / 6P
Wide IESNA Type lV forward-throw beam for wide area lighting like car parks
C16248 LEDIL-C16248 Datasheet
1Mb / 4P
Wide IESNA Type IV beam with forward-throw beam for wide area lighting like car parks.
C15014 LEDIL-C15014 Datasheet
5Mb / 21P
Wide IESNA Type IV forward-throw beam for wide area lighting like car parks
CS15158 LEDIL-CS15158 Datasheet
5Mb / 19P
Wide IESNA Type IV beam with forward-throw beam
CS16578 LEDIL-CS16578 Datasheet
5Mb / 5P
Wide IESNA Type IV forward-throw beam for wide area lighting like car parks
CS16582 LEDIL-CS16582 Datasheet
5Mb / 5P
Wide IESNA Type IV forward-throw beam for wide area lighting like car parks
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com