Electronic Components Datasheet Search
  English  ▼

X  

HMC981LP3E Datasheet(PDF) 16 Page - Analog Devices

Part # HMC981LP3E
Description  ACTIVE BIAS CONTROLLER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC981LP3E Datasheet(HTML) 16 Page - Analog Devices

Back Button HMC981LP3E Datasheet HTML 9Page - Analog Devices HMC981LP3E Datasheet HTML 10Page - Analog Devices HMC981LP3E Datasheet HTML 11Page - Analog Devices HMC981LP3E Datasheet HTML 12Page - Analog Devices HMC981LP3E Datasheet HTML 13Page - Analog Devices HMC981LP3E Datasheet HTML 14Page - Analog Devices HMC981LP3E Datasheet HTML 15Page - Analog Devices HMC981LP3E Datasheet HTML 16Page - Analog Devices HMC981LP3E Datasheet HTML 17Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
2 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
13 - 16
13
HMC981LP3E
v01.0411
ACTIVE BIAS CONTROLLER
Figure 2c. Enhancement Mode Amplifier Typical Application Circuit (Mode 3)
Table 3 - List of Bias Settings for Various Hittite Amplifiers
Hittite Part Number
VDRAIN (V)
VDD (V)
IDRAIN (mA)
RSENSE (kOhm)
R2 (kOhm)
R1 (kOhm)
VG2 (V)
LNAs
HMC-ALH140
4
4.60
60
0.53
open
open
-
HMC-ALH216
4
4.45
90
0.36
open
open
-
HMC-ALH244
4
4.45
45
0.71
open
open
-
HMC-ALH310[1]
2.5
3.02 [1]
52
0.62
open
open
-
HMC-ALH311[1]
2.5
3.04 [1]
54
0.59
open
open
-
HMC-ALH313[1]
2.5
3.02 [1]
52
0.62
open
open
-
HMC-ALH382[1]
2.5
3.14 [1]
64
0.50
open
open
-
HMC-ALH435
5
5.30
30
1.07
5.60
5
1.5
HMC-ALH444
5
5.55
55
0.58
5.09
5
1.5
HMC-ALH476
4
4.45
90
0.36
open
open
-
HMC490
5
6.00
200
0.16
open
open
-
HMC490LP5
5
6.00
200
0.16
open
open
-
HMC504LC4B
4
4.45
90
0.36
open
open
-
HMC594
6
6.50
100
0.32
open
open
-
HMC594LC3B
6
6.50
100
0.32
open
open
-
HMC609
6
6.85
170
0.19
open
open
-
HMC609LC4
6
6.85
170
0.19
open
open
-
HMC752LC4[1]
3
3.70 [1]
70
0.46
open
open
-
HMC753LP4E
5
5.55
55
0.58
5.09
5
1.5
HMC772LC4
4
4.45
45
0.71
open
open
-
Linear & Power
HMC-ABH209
5
5.80
80
0.40
open
open
-
HMC-ABH264
5
5.60
120
0.27
open
open
-
HMC-AUH317
4
4.80
160
0.20
open
open
-
[1] For applications below 4V supply please contact factory.
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com