Electronic Components Datasheet Search
  English  ▼

X  

EAST2012BA4 Datasheet(PDF) 1 Page - Everlight Electronics Co., Ltd

Part # EAST2012BA4
Description  Compatible with automatic placement equipment.
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

EAST2012BA4 Datasheet(HTML) 1 Page - Everlight Electronics Co., Ltd

  EAST2012BA4 Datasheet HTML 1Page - Everlight Electronics Co., Ltd EAST2012BA4 Datasheet HTML 2Page - Everlight Electronics Co., Ltd EAST2012BA4 Datasheet HTML 3Page - Everlight Electronics Co., Ltd EAST2012BA4 Datasheet HTML 4Page - Everlight Electronics Co., Ltd EAST2012BA4 Datasheet HTML 5Page - Everlight Electronics Co., Ltd EAST2012BA4 Datasheet HTML 6Page - Everlight Electronics Co., Ltd EAST2012BA4 Datasheet HTML 7Page - Everlight Electronics Co., Ltd EAST2012BA4 Datasheet HTML 8Page - Everlight Electronics Co., Ltd EAST2012BA4 Datasheet HTML 9Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
LifecyclePhase:Developing()
LifecyclePhase:
Revision
: 1
Expired Period: Forever
Release Date:2015-03-19 13:12:05.0
1
Copyright © 2010, Everlight Americas Inc. All Rights Reserved. Release Date : 06-Aug-2004. Issue No: 1
www.everlightamericas.com
SMD  B
EAST2012BA4
Features
․
Package in 8mm tape on 7〞diameter reel.
․
Compatible with automatic placement equipment.
․
Compatible with infrared and vapor phase reflow solder process.
․
Mono-color type.
․
Pb-free.
․
The product itself will remain within RoHS compliant version.
․
Compliance with EU REACH
˙
Compliance Halogen Free .(Br <900 ppm ,Cl <900 ppm , Br+Cl < 1500 ppm)
Description
․
The SMD LED is much smaller than lead frame type components, thus enable smaller board size, higher packing density,
reduced storage space and finally smaller equipment to be obtained.
․
Besides, lightweight makes them ideal for miniature applications. etc.
Applications
․
Backlighting in dashboard and switch.
․
Telecommunication: indicator and backlighting in telephone and fax.
․
Flat backlight for LCD, switch and symbol.
․
General use.


Similar Part No. - EAST2012BA4

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
EAST2012BA2 EVERLIGHT-EAST2012BA2 Datasheet
374Kb / 10P
Compatible with automatic placement equipment.
More results

Similar Description - EAST2012BA4

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
CSBFB1M00J58-R0 MURATA-CSBFB1M00J58-R0 Datasheet
182Kb / 3P
compatible with automatic placement equipment
CSBFB1M00J58-R1 MURATA-CSBFB1M00J58-R1 Datasheet
182Kb / 3P
compatible with automatic placement equipment
CSBFB1M02J58-R1 MURATA-CSBFB1M02J58-R1 Datasheet
183Kb / 3P
compatible with automatic placement equipment
CSBFB1M22J58-R1 MURATA-CSBFB1M22J58-R1 Datasheet
182Kb / 3P
compatible with automatic placement equipment
CSBFB455KJ58-B0 MURATA-CSBFB455KJ58-B0 Datasheet
182Kb / 3P
compatible with automatic placement equipment
logo
Everlight Electronics C...
EAPL2121RGBA0 EVERLIGHT-EAPL2121RGBA0 Datasheet
338Kb / 12P
Compatible with automatic placement equipment
EAST10102RGBA0 EVERLIGHT-EAST10102RGBA0 Datasheet
433Kb / 13P
Compatible with automatic placement equipment.
EAST1616RGYA1 EVERLIGHT-EAST1616RGYA1 Datasheet
462Kb / 11P
Compatible with automatic placement equipment.
EAST1616RGBB2 EVERLIGHT-EAST1616RGBB2 Datasheet
383Kb / 12P
Compatible with automatic placement equipment.
EAST1616RGBA0 EVERLIGHT-EAST1616RGBA0 Datasheet
245Kb / 13P
Compatible with automatic placement equipment.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com