Electronic Components Datasheet Search
  English  ▼

X  

ISL97652 Datasheet(PDF) 23 Page - Renesas Technology Corp

Part # ISL97652
Description  4-Channel Integrated LCD Supply with Dual VCOM Amplifiers
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL97652 Datasheet(HTML) 23 Page - Renesas Technology Corp

Back Button ISL97652 Datasheet HTML 17Page - Renesas Technology Corp ISL97652 Datasheet HTML 18Page - Renesas Technology Corp ISL97652 Datasheet HTML 19Page - Renesas Technology Corp ISL97652 Datasheet HTML 20Page - Renesas Technology Corp ISL97652 Datasheet HTML 21Page - Renesas Technology Corp ISL97652 Datasheet HTML 22Page - Renesas Technology Corp ISL97652 Datasheet HTML 23Page - Renesas Technology Corp ISL97652 Datasheet HTML 24Page - Renesas Technology Corp ISL97652 Datasheet HTML 25Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 23 / 25 page
background image
ISL97652
FN9287 Rev 1.00
Page 23 of 25
November 2, 2007
example, SSB controls step-down regulator fault checking,
DEL1 controls VOFF fault checking, SS controls step-up
regulator and PFET fault checking, DEL2 controls VON and
GPM fault checking. If a fault on any of the major blocks is
detected continuously for a predetermined time interval
(currently set to 63µs), when fault checking is enabled for that
function, the fault latch will be set. This causes all major
functions to be disabled immediately, including the 5.3V
regulator. Once VDC falls below its internal UVLO limit
(typically 3.6V), the FAULT latch is reset. This will initiate an
automatic restart. If the fault has been cleared, the restart will
be successful; if the fault persists, the FAULT latch will again
be set, and the cycle will repeat itself.
Buck, boost and VON circuits have fault thresholds at 90% of
target values.
The VOFF fault threshold is set at 125mV above the 0.5V
regulation point.
GPM fault detection is designed to detect a short circuit on the
output, by monitoring whether VGHM fails to pull up to VGH on
two consecutive FOSC clock periods.
The AVDD PFET also has fault checking, which will protect the
FET in the event of an output short circuit.
Note that the VCOM amplifiers are independently biased, and
are enabled at all times, except if an over-temperature fault is
detected. If this behavior is not desired, then there is an option
to power the VCOM amplifiers from AVDD, which will keep them
disabled until the boost is enabled.
Note also that it is possible to prevent timed fault checking on
any or all of the major functions, simply by externally clamping
SSB, SS, DEL1 and/or DEL2 to a voltage between 1.3V and
2V.
PCB Layout Procedure
To ensure the user gets the best chip performance with
minimum amount of PCB rework in the development phase,
the following PCB layout procedure is strongly recommended.
PCB metal layers
Reserve the top PCB metal layer for direct power ground
(PGND) connections to the supply pins and switching outputs
(buck/boost/charge-pumps). The goal is to ensure there are no
VIAS in the boost and buck paths to the smoothing capacitors.
The top layer may also be used for general routing of non-
sensitive tracks as long as this does not compromise the
supply track widths which should be as wide as possible.
Note that using VIAs in series with smoothing capacitors (even
if implemented as multiply parallel VIAs) increases the effective
high frequency ESR of the capacitors and WILL cause
degraded system operation.
(Route the following tracks on the PGND (top) metal layer:
PGND1,2,3 [a single wide track] to CIN, Cout and CB, D5.
SW1,2 [a single wide track] to L1/D1, SWB1,2 [a single wide
track] to L2/D5.)
Reserve the bottom (or an intermediate layer) for the signal
ground plane (SGND) and signal routing. It is recommended
that all feedback inputs and any other sensitive tracks are
routed to the SGND layer using a VIAs as close to the chip as
possible. This prevents unwanted interference pick-up and
allows the supply smoothing capacitors to be places as close
to the chip as possible.
(Route the following tracks on the SGND (bottom or
intermediate) metal layer: FB, FBB, FBP, FBN, POS1,2, )
Star Ground
A star ground system is where a number of different grounds
(e.g. PGND, SGND) come together at a single location which
then becomes the reference ground point for the system as a
whole. Star grounding ensures minimum interference between
different functions in a system.
Practically, it is difficult to achieve an ideal (single location)
ground point due to the physical dimensions of the chip,
smoothing capacitors and track routing, however, the exposed
die plate and the area immediately next to the PGND1,2,3 pins
is defined as the star ground for this chip.
The negative smoothing capacitor terminals of: Cout, CB and
CIN must be located as close as possible to the PGND1,2,3
pins. The smoothing capacitors for VIN, Cout and CB come as
a block of three or four capacitors with (usually) one small
capacitor whose role is to reduce the total effective ESR of the
capacitors. It is recommended that the small capacitor and at
least one of the large capacitors from each capacitor block is
placed as physically close to the chip PGND pins as possible.
The other capacitors from each block can be placed a little
further away, if necessary.
Exposed Die plate connection
The exposed die plate connection to the underside of the chip
must directly connect the PGNDs (pins 34, 35, 36) and AGND
(pin 15) with an equivalent area of metal. The other ground
pins (amplifier OGND and charge pump GND pins may also be
connected to the die plate.
The exposed die plate connection must have multiple VIAs
(use a 4x4 array) connecting the top metal PGND layer to the
bottom SGND metal layer. The bottom SGND metal area
around the VIA array should be maximized in order to keep the
thermal resistance of the chip and PCB system as low as
possible. This will optimise operation at high currents or in high
ambient temperature applications.
Order of component placement
The order of component placement should be as follows. This
procedure minimizes the high current PGND and supply track
impedance to the chip pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com