Electronic Components Datasheet Search
  English  ▼

X  

CDH53 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # CDH53
Description  POWER INDUCTORS (SMT Type)
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CDH53 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  CDH53 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.sumida.com
Rev1.0
07/02
CDH53
TYPE CDH53
Parts No.
Inductance
D.C.R. (Ω) (Max) Typical
/ Rated D. C. Current (A)
Parts No.
Inductance
D.C.R. (Ω) (Max) Typical
/ Rated D. C. Current (A)
2R2
2.2µH
66m (51m) / 2.03
390
39µH
0.55 (0.43) / 0.64
2R7
2.7µH
470
47µH
0.77 (0.59) / 0.53
3R3
3.3µH
88m (68m) / 1.88
560
56µH
0.87 (0.67) / 0.50
3R9
3.9µH
680
68µH
1.21 (0.96) / 0.45
4R7
4.7µH
96m (74m) / 1.68
820
82µH
1.34 (1.07) / 0.39
5R6
5.6µH
101
100µH
1.57 (1.25) / 0.37
6R8
6.8µH
121
120µH
1.80 (1.44) / 0.34
8R2
8.2µH
151
150µH
2.40 (1.92) / 0.31
100
10µH
0.16 (0.13) / 1.23
181
180µH
2.66 (2.13) / 0.30
120
12µH
0.18 (0.14) / 1.12
221
220µH
3.73 (2.99) / 0.26
150
15µH
0.25 (0.20) / 1.00
271
270µH
180
18µH
0.28 (0.21) / 0.88
331
330µH
220
22µH
0.39 (0.30) / 0.80
391
390µH
270
27µH
0.42 (0.32) / 0.72
471
470µH
330
33µH
0.49 (0.38) / 0.67
Measuring Freq. (L)
CDH53
2.2µH – 4.7µH (7.96MHz), 10µH – 220µH (1kHz)
Tolerance of Inductance
CDH53
2.2µH – 4.7µH ± 20% (M), 10µH – 12µH ± 15% (L), 15µH – 56µH ± 10% (K), 68µH – 220µH ± 5% (J)
Rated D.C. Current
This indicates the value of current when the inductance is 10% lower than its initial value at D.C. superimposition or D.C. current when at t=40°C, whichever is lower. (Ta=20°C)
Sales Contact
North America
Japan
Hong Kong
Taiwan
Singapore
Europe
1701 Golf Road, Tower 3
Suite 400, Rolling
Meadows, IL 60008, USA
Tel: (1) 847 545-6700
Fax: (1) 847 545-6720
Nihonbashi- ingyocho
2-Chome, Chuo-ku,
Tokyo, Japan
Tel: (81) 03 3667-3301
Fax: (81) 03 3667-3456
14/F, Eastern Centre,
1065 King's Road, Quarry
Road, Hong Kong
Tel: (852) 2880-6688
Fax: (852) 2880-9596
No. 171, Futech Street,
Hsin-I, Taipei, Taiwan,
ROC
Tel: (886) 2 2726-2177
Fax: (886) 2 2728-2726
996 Bendemeer
Road #04-05 to 06
Singapore 339944
Tel: (65) 2963-388
Fax: (65) 2963-390
Chaussee de Tervuren113A,
1160 Brussels
Belgium
Email:
europe.sales@hk.sumida.com
Outline
SMT type power inductors whereby the electrode is attached to the ferrite core directly.
POWER INDUCTORS (SMT Type)
UNSHIELDED TYPE
Dimensions (mm)
(2.2µH – 220µH)
LAND PATTERNS(mm)
CONSTRUCTION
In order to prevent short-circuiting, a silk screen is recommended.
1.8
3.2MAX.
0.2
6.0MAX.
2.2
Outline
Silk screen


Similar Part No. - CDH53

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDH53 SUMIDA-CDH53 Datasheet
172Kb / 2P
POWER INDUCTORS
CDH53NP-100L SUMIDA-CDH53NP-100L Datasheet
172Kb / 2P
POWER INDUCTORS
CDH53NP-100LC SUMIDA-CDH53NP-100LC Datasheet
274Kb / 5P
SMD Power Inductor
CDH53NP-101J SUMIDA-CDH53NP-101J Datasheet
172Kb / 2P
POWER INDUCTORS
CDH53NP-101JC SUMIDA-CDH53NP-101JC Datasheet
274Kb / 5P
SMD Power Inductor
More results

Similar Description - CDH53

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDRH6D28 SUMIDA-CDRH6D28 Datasheet
81Kb / 1P
POWER INDUCTORS (SMT Type)
CDRH4D18 SUMIDA-CDRH4D18 Datasheet
84Kb / 1P
POWER INDUCTORS (SMT Type)
logo
Filtran LTD
8401-XXX FILTRAN-8401-XXX Datasheet
21Kb / 1P
Inductors SMT Power Inductors
logo
Pulse A Technitrol Comp...
PF0560.252NLT PULSE-PF0560.252NLT Datasheet
234Kb / 2P
SMT POWER INDUCTORS
PA2891.XXXHL PULSE-PA2891.XXXHL Datasheet
736Kb / 3P
SMT Power Inductors
PA3288.XXXHL PULSE-PA3288.XXXHL Datasheet
439Kb / 3P
SMT Power Inductors
PA4340.XXXNLT PULSE-PA4340.XXXNLT Datasheet
3Mb / 4P
SMT Power Inductors
PA5002.XXXNLT PULSE-PA5002.XXXNLT Datasheet
1Mb / 5P
SMT Power Inductors
PG1083NL PULSE-PG1083NL Datasheet
455Kb / 2P
SMT Power Inductors
PG0936NL PULSE-PG0936NL Datasheet
384Kb / 2P
SMT Power Inductors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com