Electronic Components Datasheet Search
  English  ▼

X  

C14128 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # C14128
Description  Oval beam for area lighting
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

C14128 Datasheet(HTML) 1 Page - Ledil, Inc.

  C14128 Datasheet HTML 1Page - Ledil, Inc. C14128 Datasheet HTML 2Page - Ledil, Inc. C14128 Datasheet HTML 3Page - Ledil, Inc. C14128 Datasheet HTML 4Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PRODUCT
DATASHEET
C14128_TATIANA-1X4-B
TATIANA-1X4-B
Oval beam for area lighting
TECHNICAL SPECIFICATIONS:
Dimensions
102x25 mm
Height
7.7 mm
Fastening
glue, pin, screw
Colour
clear
Box size
480 x 280 x 300 mm
Box weight
7.9 kg
Quantity in Box
672 pcs
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
TATIANA-1X4-B
Lens
PMMA
clear
Last update: 23/05/2018
Subject to change without prior notice
1/4
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.


Similar Part No. - C14128

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
C14120 SUMIDA-C14120 Datasheet
46Kb / 2P
ADSL Transformer< SMD Type: CEP Series>
C14120 SUMIDA-C14120 Datasheet
108Kb / 2P
ADSL Transformer
C14121 SUMIDA-C14121 Datasheet
152Kb / 2P
ADSL Transformer< SMD Type: CEP Series>
C14122 SUMIDA-C14122 Datasheet
152Kb / 2P
ADSL Transformer< SMD Type: CEP Series>
logo
Cree, Inc
C14123 CREE-C14123 Datasheet
300Kb / 3P
Mirella reflector
More results

Similar Description - C14128

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
CA14129 LEDIL-CA14129 Datasheet
1Mb / 4P
Oval beam for area lighting. Assembly with installation tape.
C13476 LEDIL-C13476 Datasheet
1Mb / 4P
Forward throw beam for area lighting
C13936 LEDIL-C13936 Datasheet
6Mb / 10P
Beam for area lighting and applications demanding a wide oval beam pattern
CA11186 LEDIL-CA11186 Datasheet
2Mb / 4P
Beam for area lighting
C10949 LEDIL-C10949 Datasheet
1Mb / 7P
Wide oval beam for area lighting
C13896 LEDIL-C13896 Datasheet
1Mb / 9P
Forward throw beam for area lighting
CA13758 LEDIL-CA13758 Datasheet
1Mb / 7P
Forward throw beam for area lighting
CA13897 LEDIL-CA13897 Datasheet
2Mb / 10P
Forward throw beam for area lighting
CA10914 LEDIL-CA10914 Datasheet
1,002Kb / 4P
Oval beam for area lighting optimized for Golden Dragon.
CA10950 LEDIL-CA10950 Datasheet
1Mb / 6P
Wide oval beam for area lighting
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com