Electronic Components Datasheet Search
  English  ▼

X  

CA14129 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # CA14129
Description  Oval beam for area lighting. Assembly with installation tape.
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

CA14129 Datasheet(HTML) 1 Page - Ledil, Inc.

  CA14129 Datasheet HTML 1Page - Ledil, Inc. CA14129 Datasheet HTML 2Page - Ledil, Inc. CA14129 Datasheet HTML 3Page - Ledil, Inc. CA14129 Datasheet HTML 4Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PRODUCT
DATASHEET
CA14129_TATIANA-1X4-B
TATIANA-1X4-B
Oval beam for area lighting. Assembly with
installation tape.
TECHNICAL SPECIFICATIONS:
Dimensions
102x25 mm
Height
7.8 mm
Fastening
tape, pin
Colour
clear
Box size
Box weight
0 kg
Quantity in Box
672 pcs
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
TATIANA-1X4-B
Lens
PMMA
clear
ROSE-TAPE2-1X4
Tape
Acrylic foam
white
Last update: 23/05/2018
Subject to change without prior notice
1/4
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.


Similar Part No. - CA14129

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
CA14120 LEDIL-CA14120 Datasheet
2Mb / 6P
Beam for symmetrical tunnel lighting and parking garages.
CA14122 LEDIL-CA14122 Datasheet
2Mb / 6P
Beam for symmetrical tunnel lighting and parking garages.
More results

Similar Description - CA14129

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
CA10322 LEDIL-CA10322 Datasheet
2Mb / 4P
~35째 8째 oval beam. Assembly with installation tape.
CA11519 LEDIL-CA11519 Datasheet
2Mb / 5P
~170째 wide area beam. Assembly with installation tape.
CA12396 LEDIL-CA12396 Datasheet
1Mb / 4P
~90째 170째 wide area beam. Assembly with installation tape.
CA13473 LEDIL-CA13473 Datasheet
1Mb / 5P
Wide oval beam for area lighting optimized for CREE XT-E. Assembly with installation tape.
CA13477 LEDIL-CA13477 Datasheet
1Mb / 5P
Forward throw beam for area lighting. Assembly with installation tape.
CA14843 LEDIL-CA14843 Datasheet
1Mb / 4P
Wide oval beam for area lighting optimized for CREE XP-L. Assembly with installation tape.
C14128 LEDIL-C14128 Datasheet
1Mb / 4P
Oval beam for area lighting
C10949 LEDIL-C10949 Datasheet
1Mb / 7P
Wide oval beam for area lighting
CA13752 LEDIL-CA13752 Datasheet
2Mb / 9P
Forward throw beam for area lighting. Assembly with installation tape
CA10950 LEDIL-CA10950 Datasheet
1Mb / 6P
Wide oval beam for area lighting
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com