Electronic Components Datasheet Search
  English  ▼

X  

ISL97686 Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # ISL97686
Description  4-Channel LED Driver with Independent Channel Control for Dynamic Dimming
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL97686 Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button ISL97686 Datasheet HTML 14Page - Renesas Technology Corp ISL97686 Datasheet HTML 15Page - Renesas Technology Corp ISL97686 Datasheet HTML 16Page - Renesas Technology Corp ISL97686 Datasheet HTML 17Page - Renesas Technology Corp ISL97686 Datasheet HTML 18Page - Renesas Technology Corp ISL97686 Datasheet HTML 19Page - Renesas Technology Corp ISL97686 Datasheet HTML 20Page - Renesas Technology Corp ISL97686 Datasheet HTML 21Page - Renesas Technology Corp ISL97686 Datasheet HTML 22Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
ISL97686
FN7953 Rev.1.00
Page 21 of 22
Sep 19, 2017
Package Outline Drawing
L28.5x5B
28 LEAD THIN QUAD FLAT NO-LEAD PLASTIC PACKAGE
Rev 1, 10/07
located within the zone indicated. The pin #1 identifier may be
Unless otherwise specified, tolerance : Decimal ± 0.05
Tiebar shown (if present) is a non-functional feature.
The configuration of the pin #1 identifier is optional, but must be
between 0.15mm and 0.30mm from the terminal tip.
Dimension b applies to the metallized terminal and is measured
Dimensions in (
) for Reference Only.
Dimensioning and tolerancing conform to AMSE Y14.5m-1994.
6.
either a mold or mark feature.
3.
5.
4.
2.
Dimensions are in millimeters.
1.
NOTES:
BOTTOM VIEW
DETAIL "X"
TYPICAL RECOMMENDED LAND PATTERN
TOP VIEW
BOTTOM VIEW
SIDE VIEW
5.00
A
B
INDEX AREA
PIN 1
6
(4X)
0.15
28X 0.55 ± 0.05
4
A
28X 0.25 ± 0.05
M
0.10
C
B
14
8
4X
0.50
24X
3.0
6
PIN #1 INDEX AREA
3 .25 ± 0 . 10
0 . 75 ± 0.05
BASE PLANE
SEE DETAIL "X"
SEATING PLANE
0.10 C
C
0.08 C
0 . 2 REF
C
0 . 05 MAX.
0 . 00 MIN.
5
(
3. 25)
( 4. 65 TYP )
( 24X 0 . 50)
(28X 0 . 25 )
( 28X 0 . 75)
15
22
21
7
1
28
For the most recent package outline drawing, see L28.5x5B.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com