Electronic Components Datasheet Search
  English  ▼

X  

FP75R12KT4 Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # FP75R12KT4
Description  EconoPIM3 Modul mit schnellem Trench
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

FP75R12KT4 Datasheet(HTML) 4 Page - Infineon Technologies AG

  FP75R12KT4 Datasheet HTML 1Page - Infineon Technologies AG FP75R12KT4 Datasheet HTML 2Page - Infineon Technologies AG FP75R12KT4 Datasheet HTML 3Page - Infineon Technologies AG FP75R12KT4 Datasheet HTML 4Page - Infineon Technologies AG FP75R12KT4 Datasheet HTML 5Page - Infineon Technologies AG FP75R12KT4 Datasheet HTML 6Page - Infineon Technologies AG FP75R12KT4 Datasheet HTML 7Page - Infineon Technologies AG FP75R12KT4 Datasheet HTML 8Page - Infineon Technologies AG FP75R12KT4 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Datasheet
4
V3.0
2018-03-02
FP75R12KT4
IGBT,Brems-Chopper/IGBT,Brake-Chopper
HöchstzulässigeWerte/MaximumRatedValues
Kollektor-Emitter-Sperrspannung
Collector-emittervoltage
Tvj = 25°C
VCES

1200
 V
Kollektor-Dauergleichstrom
ContinuousDCcollectorcurrent
TC = 95°C, Tvj max = 175°C
IC nom

50
 A
PeriodischerKollektor-Spitzenstrom
Repetitivepeakcollectorcurrent
tP = 1 ms
ICRM

100
 A
Gate-Emitter-Spitzenspannung
Gate-emitterpeakvoltage
VGES

+/-20
 V
CharakteristischeWerte/CharacteristicValues
min.
typ.
max.
Kollektor-Emitter-Sättigungsspannung
Collector-emittersaturationvoltage
IC = 50 A, VGE = 15 V
IC = 50 A, VGE = 15 V
IC = 50 A, VGE = 15 V
VCE sat
1,85
2,15
2,25
2,15
V
V
V
Tvj = 25°C
Tvj = 125°C
Tvj = 150°C
Gate-Schwellenspannung
Gatethresholdvoltage
IC = 1,60 mA, VCE = VGE, Tvj = 25°C
VGEth
5,20
5,80
6,40
V
Gateladung
Gatecharge
VGE = -15 / 15 V
QG
0,38
µC
InternerGatewiderstand
Internalgateresistor
Tvj = 25°C
RGint
4,0
Ω
Eingangskapazität
Inputcapacitance
f = 1 MHz, Tvj = 25°C, VCE = 25 V, VGE = 0 V
Cies
2,80
nF
Rückwirkungskapazität
Reversetransfercapacitance
f = 1 MHz, Tvj = 25°C, VCE = 25 V, VGE = 0 V
Cres
0,10
nF
Kollektor-Emitter-Reststrom
Collector-emittercut-offcurrent
VCE = 1200 V, VGE = 0 V, Tvj = 25°C
ICES
1,0
mA
Gate-Emitter-Reststrom
Gate-emitterleakagecurrent
VCE = 0 V, VGE = 20 V, Tvj = 25°C
IGES
100
nA
Einschaltverzögerungszeit,induktiveLast
Turn-ondelaytime,inductiveload
IC = 50 A, VCE = 600 V
VGE = -15 / 15 V
RGon = 15
Ω
td on
0,16
0,17
0,17
µs
µs
µs
Tvj = 25°C
Tvj = 125°C
Tvj = 150°C
Anstiegszeit,induktiveLast
Risetime,inductiveload
IC = 50 A, VCE = 600 V
VGE = -15 / 15 V
RGon = 15
Ω
tr
0,03
0,04
0,04
µs
µs
µs
Tvj = 25°C
Tvj = 125°C
Tvj = 150°C
Abschaltverzögerungszeit,induktiveLast
Turn-offdelaytime,inductiveload
IC = 50 A, VCE = 600 V
VGE = -15 / 15 V
RGoff = 15
Ω
td off
0,33
0,43
0,45
µs
µs
µs
Tvj = 25°C
Tvj = 125°C
Tvj = 150°C
Fallzeit,induktiveLast
Falltime,inductiveload
IC = 50 A, VCE = 600 V
VGE = -15 / 15 V
RGoff = 15
Ω
tf
0,08
0,15
0,17
µs
µs
µs
Tvj = 25°C
Tvj = 125°C
Tvj = 150°C
EinschaltverlustenergieproPuls
Turn-onenergylossperpulse
IC = 50 A, VCE = 600 V, L
σ = 20 nH
VGE = -15 / 15 V, RGon = 15
Ω
Eon
5,70
7,70
8,40
mJ
mJ
mJ
Tvj = 25°C
Tvj = 125°C
Tvj = 150°C
AbschaltverlustenergieproPuls
Turn-offenergylossperpulse
IC = 50 A, VCE = 600 V, L
σ = 20 nH
VGE = -15 / 15 V, RGoff = 15
Ω
Eoff
2,80
4,30
4,80
mJ
mJ
mJ
Tvj = 25°C
Tvj = 125°C
Tvj = 150°C
Kurzschlußverhalten
SCdata
VGE
≤ 15 V, VCC = 800 V
VCEmax = VCES -LsCE ·di/dt
ISC
180
A
Tvj = 125°C
tP
≤ 10 µs,
Wärmewiderstand,ChipbisGehäuse
Thermalresistance,junctiontocase
proIGBT/perIGBT
RthJC
0,540 K/W
Wärmewiderstand,GehäusebisKühlkörper
Thermalresistance,casetoheatsink
proIGBT/perIGBT
λPaste=1W/(m·K)/λgrease=1W/(m·K)
RthCH
0,245
K/W
TemperaturimSchaltbetrieb
Temperatureunderswitchingconditions
Tvj op
-40
150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com