Electronic Components Datasheet Search
  English  ▼

X  

BAV16W Datasheet(PDF) 3 Page - Diodes Incorporated

Part # BAV16W
Description  SURFACE MOUNT FAST SWITCHING DIODE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BAV16W Datasheet(HTML) 3 Page - Diodes Incorporated

  BAV16W Datasheet HTML 1Page - Diodes Incorporated BAV16W Datasheet HTML 2Page - Diodes Incorporated BAV16W Datasheet HTML 3Page - Diodes Incorporated BAV16W Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
BAV16W/1N4148W
Document number: DS30086 Rev. 28 - 2
3 of 4
www.diodes.com
January 2017
© Diodes Incorporated
BAV16W/1N4148W
0.1
1
10
100
1,000
10,000
0
20
40
60
80
100
V , INSTANTANEOUS REVERSE VOLTAGE (V)
Figure 3 Typical Reverse Characteristics
R
0.0
0.2
0.4
0.6
0.8
1.8
1.6
1.4
1.2
1.0
2.0
0
10
20
40
30
V , DC REVERSE VOLTAGE (V)
Figure 4 Total Capacitance vs. Reverse Voltage
R
Package Outline Dimensions
Please see http://www.diodes.com/package-outlines.html for the latest version.
c
He
E
b D
All 7°
All R0.10
0
L
A
A1
All R0.10
0
All 7°
Suggested Pad Layout
Please see http://www.diodes.com/package-outlines.html for the latest version.
Y
X
X1
SOD123
Dim
Min
Max
Typ
A
1.00
1.35
1.05
A1
0.00
0.10
0.05
b
0.52
0.62
0.57
c
0.10
0.15
0.11
D
1.40
1.70
1.55
E
2.55
2.85
2.65
He
3.55
3.85
3.65
L
0.25
0.40
0.30
a
0°
8°
--
All Dimensions in mm
Dimensions Value (in mm)
X
0.900
X1
4.050
Y
0.950



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com