Electronic Components Datasheet Search
  English  ▼

X  

ISL97698 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # ISL97698
Description  High Efficiency 2-Channel White LED Driver for Smartphone Backlighting
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL97698 Datasheet(HTML) 2 Page - Renesas Technology Corp

  ISL97698 Datasheet HTML 1Page - Renesas Technology Corp ISL97698 Datasheet HTML 2Page - Renesas Technology Corp ISL97698 Datasheet HTML 3Page - Renesas Technology Corp ISL97698 Datasheet HTML 4Page - Renesas Technology Corp ISL97698 Datasheet HTML 5Page - Renesas Technology Corp ISL97698 Datasheet HTML 6Page - Renesas Technology Corp ISL97698 Datasheet HTML 7Page - Renesas Technology Corp ISL97698 Datasheet HTML 8Page - Renesas Technology Corp ISL97698 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
ISL97698
FN8417 Rev.1.00
Page 2 of 21
Sep 7, 2017
Block Diagram
I2C Control
PWMI/SWIRE
Decoding
EN/ Configuration
settings
OSC
DAC
Dynamic Headroom Control
and Fault Management
PWM/
PFM
Logic
1.21V
S
Current Limit
OVP
VREF
gm
COMP
SCL
SDA
PWMI
SWIRE
VIN_IO
EN
VIN
LX
VOUT
CH0
CH1
GND
VIN = 2.5V to 5.5V
Ordering Information
PART NUMBER
Notes (1, 2, 3)PART MARKING
TEMP RANGE
(°C)
TAPE AND REEL
(UNITS)
PACKAGE
(RoHS COMPLIANT)
PKG.
DWG. #
ISL97698IIZ-T
7698
-40 to +85
6k
3x4 array, 0.4mm pitch CSP
W3x4.12A
NOTES:
1. Refer to TB347 for details on reel specifications.
2. These Intersil Pb-free WLCSP and BGA packaged products employ special Pb-free material sets; molding compounds/die attach materials and
SnAgCu - e1 solder ball terminals, which are RoHS compliant and compatible with both SnPb and Pb-free soldering operations. Intersil Pb-free WLCSP
and BGA packaged products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J
STD-020.
3. For Moisture Sensitivity Level (MSL), see the product information page for ISL97698. For more information on MSL, see TB363.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com