Electronic Components Datasheet Search
  English  ▼

X  

BAV199DW Datasheet(PDF) 3 Page - Diodes Incorporated

Part # BAV199DW
Description  QUAD SURFACE MOUNT LOW LEAKAGE DIODE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BAV199DW Datasheet(HTML) 3 Page - Diodes Incorporated

  BAV199DW Datasheet HTML 1Page - Diodes Incorporated BAV199DW Datasheet HTML 2Page - Diodes Incorporated BAV199DW Datasheet HTML 3Page - Diodes Incorporated BAV199DW Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
BAV199DW
Document number: DS30417 Rev. 10 - 2
3 of 4
www.diodes.com
January 2016
© Diodes Incorporated
BAV199DW
Package Outline Dimensions
Please see AP02001 at http://www.diodes.com/_files/datasheets/ap02001.pdf for the latest version.
SOT363
Dim
Min
Max
Typ
A1
0.00
0.10
0.05
A2
0.90
1.00
1.00
b
0.10
0.30
0.25
c
0.10
0.22
0.11
D
1.80
2.20
2.15
E
2.00
2.20
2.10
E1
1.15
1.35
1.30
e
0.650 BSC
F
0.40
0.45
0.425
L
0.25
0.40
0.30
a
8
°
All Dimensions in mm
e
D
L
E1
b
E
F
A2
A1
c
a
0.1
1
10
100
1,000
0
10
20
30
40
50
60
70
80
90 100
V , REVERSE VOLTAGE (V)
Fig. 3 Typical Reverse Characteristics, Per Element
R
70癈
25癈
Device mounted on an
FR4 printed-circuit board
0
50
100
150
200
300
200
250
100
150
50
0
T , AMBIENT TEMPERATURE ( C)
Fig. 4 Current Derating Curve, Per Element
A
°
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
0
5
10
15
20
25
30
35
40
V , REVERSE VOLTAGE (V)
Fig. 4 Typical Junction Capacitance, Per Element
R
f =1MHz
70
oC
25
oC
Fig. 5
Fig. 4 Typical Total Capacitance



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com