Electronic Components Datasheet Search
  English  ▼

X  

AFD25-24S Datasheet(PDF) 1 Page - Arch Electronics Corp.

Part # AFD25-24S
Description  Switching Power Module for PCB Mountable
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARCH [Arch Electronics Corp.]
Direct Link  http://www.archcorp.com.tw
Logo ARCH - Arch Electronics Corp.

AFD25-24S Datasheet(HTML) 1 Page - Arch Electronics Corp.

  AFD25-24S Datasheet HTML 1Page - Arch Electronics Corp. AFD25-24S Datasheet HTML 2Page - Arch Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
VER : A_2
update : 2017.04.12
AC-DC ITE / Household Power Module
AFD25 SERIES
25 Watts
http://www.archcorp.com.tw
TEL: +886-2-26989508 FAX: +886-2-26981319
-1-
KEY FEATURES
Low Standby <0.1W
Switching Power Module for PCB Mountable
Fully Encapsulated Plastic Case
Universal Input Range 90-264VAC, 47-440 Hz
Regulated Output and Low Ripple and Low Noise
Isolation Class II
Small Size as AFCN 10Watt with 25Watt Higher Power
CE, CB and UL Approval
3-Year Product Warranty
ELECTRICAL SPECIFICATIONS
All specifications valid at normal input voltage, full load and +25°C after warm-up time unless otherwise stated.
Model No.
AFD25-5.1S
AFD25-12S
AFD25-15S
AFD25-24S
Max Output Wattage (W)
20W
25W
25W
25W
Input
Voltage
90-264 VAC or 120-370 VDC
Frequency (Hz)
47-440 Hz
Current (Full load)
490 mA max. (115 VAC) / 320 mA max. (230 VAC)
Inrush Current (<2ms,Cold Start)
30 A max. (115 VAC) / 60 A max. (230 VAC)
Leakage Current
0.25 mA max. (230 VAC)
External Fuse (mandatory)
3.15 A slow blow type
External Varistor (recommended)
14S471K
External Thermistor (recommended)
10R / 10φ
Output
Voltage (V.DC.)
5.1V
12V
15V
24V
Voltage Accuracy
±2%
Current (mA) max
3922
2083
1666
1042
Maximum Capacitive Load
2000uF
680uF
220uF
220uF
Minimum Load
0%
Line Regulation (LL-HL) (typ.)
±1%
Load Regulation (5-100%) (typ.)
±3%.
±1%.
Ripple & Noise
120mV max (Vp-p)
150mV max (Vp-p)
160mV max (Vp-p)
240mV max (Vp-p)
Efficiency (at 230 VAC)
82%
86%
85%
86%
Hold-up Time(typ)
36 ms (at 230VAC)
Protection
Over Power Protection
Hiccup technique, auto-recovery
Over Voltage Protection
Zener diode clamp
Short Circuit Protection
Hiccup mode, indefinite (automatic recovery)
Isolation
Input-Output (V.AC)
3000V
Environment
Operating Temperature
-40°C…+70°C (with derating)
Storage Temperature
-40°C…+85°C
Temperature Coefficient
±0.05%/°C
Humidity
95% RH
MTBF
>400,000 h @ 25°C (MIL-HDBK-217F)
Physical
Dimension (L x W x H)
2.07 x 1.08 x 0.93 Inches ( 52.5 x 27.5 x 23.5 mm ) Tolerance
0.5 mm
Case Material
Plastic resin (flammability to UL 94V-0)
Weight
62 g
Cooling Method
Free air convection
Safety
Agency Approvals
UL/cUL 60950-1&IEC/EN60950-1, TUV IEC/EN60335-1,CE
EMC
EMI
(Conducted & Radiated Emission)
EN 55032 class B
EMS (Noise Immunity)
EN 55024


Similar Part No. - AFD25-24S

ManufacturerPart #DatasheetDescription
logo
Systemsensor advanced i...
AFD25 SYSTEMSENSOR-AFD25 Datasheet
368Kb / 2P
Solid StateWaterflow Detectors
logo
Apacer Technology Inc.
AFD257 APACER-AFD257 Datasheet
808Kb / 4P
SSD (Solid-State Disk)
AFD257-M APACER-AFD257-M Datasheet
971Kb / 4P
SSD (Solid-State Disk)
More results

Similar Description - AFD25-24S

ManufacturerPart #DatasheetDescription
logo
Arch Electronics Corp.
AQC125 ARCH-AQC125 Datasheet
202Kb / 4P
Switching Power Module for PCB Mountable
AZC ARCH-AZC Datasheet
203Kb / 2P
Switching Power Module for PCB Mountable
ABR300 ARCH-ABR300 Datasheet
253Kb / 3P
Switching Power Module for PCB Mountable
ANCA-E1 ARCH-ANCA-E1_16 Datasheet
254Kb / 3P
Switching Power Module for PCB Mountable
APCN ARCH-APCN_16 Datasheet
152Kb / 4P
Switching Power Module for PCB Mountable
AEC60_SERIES ARCH-AEC60_SERIES Datasheet
274Kb / 2P
Switching Power Module for PCB Mountable
AHC_SERIES ARCH-AHC_SERIES Datasheet
491Kb / 5P
Switching Power Module for PCB Mountable
ALC_SERIES ARCH-ALC_SERIES Datasheet
204Kb / 3P
Switching Power Module for PCB Mountable
ANCA-E1_SERIES ARCH-ANCA-E1_SERIES Datasheet
387Kb / 5P
Switching Power Module for PCB Mountable
AFC20N ARCH-AFC20N_17 Datasheet
229Kb / 2P
Switching Power Module for PCB Mountable
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com